Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3357 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 2SC3357
Description  NPN EPITAXIAL SILICON RF TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC3357 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 2SC3357_15 Datasheet HTML 2Page - Renesas Technology Corp 2SC3357_15 Datasheet HTML 3Page - Renesas Technology Corp 2SC3357_15 Datasheet HTML 4Page - Renesas Technology Corp 2SC3357_15 Datasheet HTML 5Page - Renesas Technology Corp 2SC3357_15 Datasheet HTML 6Page - Renesas Technology Corp 2SC3357_15 Datasheet HTML 7Page - Renesas Technology Corp 2SC3357_15 Datasheet HTML 8Page - Renesas Technology Corp 2SC3357_15 Datasheet HTML 9Page - Renesas Technology Corp 2SC3357_15 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Data Sheet PU10211EJ01V0DS
5
2SC3357
SMITH CHART
S21e-FREQUENCY
CONDITION : VCE = 10 V, IC = 20 mA
90˚
0˚
30˚
–30˚
60˚
–60˚
180˚
150˚
–150˚
120˚
–120˚
–90˚
3
6
9
12
15
S21e
f = 0.2 GHz
f = 2.0 GHz
S12e-FREQUENCY
CONDITION : VCE = 10 V, IC = 20 mA
90˚
0˚
30˚
–30˚
60˚
–60˚
180˚
150˚
–150˚
120˚
–120˚
–90˚
0.1
0.2
0.3
0.4 0.5
S12e
f = 0.2 GHz
f = 2.0 GHz
S11e, S22e-FREQUENCY
CONDITION : VCE = 10 V
60
50
70
80
90
100
110
120
130
0.18
0.16
0.14
0.12
0.10
0.08
0.17
0.15
0.13
0.11
0.09
0.07
0.32
0.34
0.36
0.38
0.40
0.42
0.33
0.35
0.37
0.39
0.41
0.43
REACTANCE COMPONENT
(
R
––––
ZO )
EN
T
0.3
0.2
0.1
0.4
50
10
6.0
4.0
3.0
20
0.2
0.4
0.6
0.8
1.0
0.2
0.8
0.6
0.4
f = 0.2 GHz
f = 0.2 GHz
f = 2.0 GHz
f = 20 GHz
S11e
S22e
: IC = 20 mA
: IC = 40 mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com