Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SUPC2MBP40KX Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SUPC2MBP40KX
Description  3-Breaker Parallel Tie Cabinet with Maintenance Bypass Switch (for SU40KX 3-Phase UPS)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SUPC2MBP40KX Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SUPC2MBP40KX Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SUPC2MBP40KX Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3-Breaker Parallel Tie Cabinet with Maintenance
Bypass Switch (for SU40KX 3-Phase UPS)
MODEL NUMBER: SUPC2MBP40KX
Description
Tripp Lite's parallel tie cabinet provides a means for safely paralleling two UPS systems for non-redundant combined mode operation. Non-redundant
configuration combines the output of two UPS systems to support twice the output current. Built-in Maintenance Bypass Switch enables UPS maintenance and
repair of with no disruption in power to connected equipment. Two input breakers receive incoming power from the UPS and are connected to heavy duty
copper buswork and an output breaker rated for the total UPS capacity of the two UPS systems combined. See owners manual and Tripp Lite Parallel Tie
Cabinet with Bypass Panel download for detailed specifications, dimensional drawings, operational flow charts and technical descriptions.
Compatible with two Tripp Lite SU40KX UPS systems.
Features
Tripp Lite's parallel tie cabinet provides a means for safely paralleling two UPS systems for non-redundant combined mode operation
Non-redundant configuration combines the output of two UPS systems to support twice the output current
Built-in Maintenance Bypass Switch enables UPS maintenance and repair of with no disruption in power to connected equipment
Two input breakers receive incoming power from the UPS and are connected to heavy duty copper buswork and an output breaker rated for the total UPS
capacity of the two UPS systems combined
Compatible with two Tripp Lite SU40KX UPS systems
Specifications
INPUT
Nominal Input Voltage(s) Supported
380V AC; 400V AC; 415V AC
Voltage Compatibility (VAC)
380; 400; 415
PHYSICAL
Shipping Dimensions (hwd / in.)
44 x 31.25 x 13.25
Highlights
3 breaker parallel tie cabinet
accessory for two Tripp Lite
40kVA 3 phase UPS systems
Links the output of two UPS
systems for 80kVA
non-redundant operation
Integral Maintenance Bypass
switch enables UPS maintenance
or replacement
3 built-in circuit breakers, heavy
duty copper buswork
Compatible Tripp Lite SU40KX 3
phase UPS systems
1 / 2


Similar Part No. - SUPC2MBP40KX

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
SUP-A1L OKAYA-SUP-A1L Datasheet
419Kb / 1P
NOISE FILTER
SUP-A1L-E OKAYA-SUP-A1L-E Datasheet
419Kb / 1P
NOISE FILTER
SUP-A2L OKAYA-SUP-A2L Datasheet
419Kb / 1P
NOISE FILTER
SUP-A2L-E OKAYA-SUP-A2L-E Datasheet
419Kb / 1P
NOISE FILTER
SUP-A3L OKAYA-SUP-A3L Datasheet
419Kb / 1P
NOISE FILTER
More results

Similar Description - SUPC2MBP40KX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SU20KMBP ETC2-SU20KMBP Datasheet
473Kb / 2P
3 Breaker Maintenance Bypass Panel - Enables maintenance bypass of Tripp Lite SU20K3/3 UPS
logo
Tripp Lite. All Rights ...
SU60K TRIPPLITE-SU60K Datasheet
503Kb / 5P
SmartOnline 120-208V 3-Phase Wye 60kVA Modular 3-Phase UPS System, On-line Double-Conversion UPS for North America
SU60KTV TRIPPLITE-SU60KTV Datasheet
503Kb / 5P
SmartOnline 277-480V 3-Phase Wye 60kVA Modular 3-Phase UPS System, On-line Double-Conversion UPS for North America
SU80K TRIPPLITE-SU80K Datasheet
500Kb / 5P
SmartOnline 120-208V 3-Phase Wye 80kVA Modular 3-Phase UPS System, On-line Double-Conversion UPS for North America
SU80KTV TRIPPLITE-SU80KTV Datasheet
500Kb / 5P
SmartOnline 277-480V 3-Phase Wye 80kVA Modular 3-Phase UPS System, On-line Double-Conversion UPS for North America
SU20KMBPK TRIPPLITE-SU20KMBPK Datasheet
508Kb / 2P
3 Breaker Maintenance Bypass Panel for SU20K3-3, SU20K3-3XR5, SU20K3-3X and SU20KX UPS
SU40KMBPKX TRIPPLITE-SU40KMBPKX Datasheet
505Kb / 2P
3 Breaker Maintenance Bypass Panel for SU40KX
SU60KMBPKX TRIPPLITE-SU60KMBPKX Datasheet
505Kb / 2P
3 Breaker Maintenance Bypass Panel for SU60KX, SU60KTV
SU80KMBPKX TRIPPLITE-SU80KMBPKX Datasheet
507Kb / 2P
3 Breaker Maintenance Bypass Panel for SU80KX and SU80KTV
logo
Schneider Electric
SBPAR3I30K40R2M2-WP SCHNEIDER-SBPAR3I30K40R2M2-WP Datasheet
172Kb / 2P
APC Parallel Maintenance Bypass for 2 UPS (11) 3:1 30-40kVA Wallmount
Aug 18, 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com