Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSWM Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # UPSWM
Description  Wall-Mount Bracket and Installation Accessories for select UPS Systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

UPSWM Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  UPSWM Datasheet HTML 1Page - Tripp Lite. All Rights Reserved UPSWM Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Wall-Mount Bracket and Installation Accessories for
select UPS Systems
MODEL NUMBER: UPSWM
Description
Tripp Lite's Wallmount Bracket enables compatible UPS systems to attach to any wall or sturdy, vertical surface.
Features
Allows compatible UPS systems or battery packs to hang from wall or other sturdy surface
Compatible with Tripp Lite UPS systems BCPERSONAL300, BCPERSONAL450, BCPRO600, BCPRO850, BCPRO1050, BCPRO1400,
INTERNETOFFICE500, INTERNETOFFICE700, OMNISMART300, OMNISMART350HG, OMNISMART450HG, OMNISMART500, OMNISMART700,
OMNISMART700HG, OMNISMART1050, ONMISMART1400, OMNISMART1400HG, OMNIVS800, OMNIVS1000, OMNIVS1500XL, SMART550USB,
SMART700, SMART700SER, SMART700HG, SMART750USB, SMART1050, SMART1200XLHG, SMART1500, SMART1500XL, TE600, TE1200 and
other UPS systems that specify compatibility with this bracket
Compatible with Tripp Lite Battery pack BP24V14
Specifications
PHYSICAL
Shipping Dimensions (hwd / in.)
13.0 x 9.6 x 14.0
Shipping Dimensions (hwd / cm)
32.0 x 24.4 x 35.6
Shipping Weight (lbs.)
7.0
Shipping Weight (kg)
3.18
Unit Dimensions (hwd / in.)
12.75 x 9.1 x 13.5
Unit Dimensions (hwd / cm)
32.38 x 23.1 x 34.3
Unit Weight (lbs.)
6.8
Highlights
Affixes compatible UPS systems
to the wall
Includes bracket, hardware and
velcro strap
Applications
Ideal for anyone looking to hang
their UPS system or compatible
battery pack from a wall
Package Includes
Wallmount Bracket and
installation accessories (4
washers, 4 screws, 1 Velcro
safety strap)
Mounting instructions
1 / 2


Similar Part No. - UPSWM

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
UPS CDE-UPS Datasheet
531Kb / 2P
UPS Capacitors
logo
Nichicon corporation
UPS NICHICON-UPS Datasheet
662Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
Samtec, Inc
UPS-02-01-01-L-PV-LC SAMTEC-UPS-02-01-01-L-PV-LC Datasheet
583Kb / 2P
HIGH-POWER SYSTEMS
UPS-02-01-01-L-RA-LC SAMTEC-UPS-02-01-01-L-RA-LC Datasheet
583Kb / 2P
HIGH-POWER SYSTEMS
UPS-02-01-01-L-V-LC SAMTEC-UPS-02-01-01-L-V-LC Datasheet
583Kb / 2P
HIGH-POWER SYSTEMS
More results

Similar Description - UPSWM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RBC58-2U ETC2-RBC58-2U Datasheet
475Kb / 2P
2U UPS Replacement Battery Cartridge for select Tripp Lite UPS systems
logo
Tripp Lite. All Rights ...
2POSTRMKITWM TRIPPLITE-2POSTRMKITWM Datasheet
479Kb / 2P
2-Post Rack-Mount or Wall-Mount Adapter Kit for select Rack-Mount UPS Systems
4POSTRAILKIT TRIPPLITE-4POSTRAILKIT Datasheet
471Kb / 2P
4-Post Rack-Mount Installation Kit of select Rack-Mount UPS Systems
4POSTRAILSM TRIPPLITE-4POSTRAILSM Datasheet
162Kb / 2P
4-Post Rack-Mount Installation Kit for Select Rack-Mount UPS Systems, Side Mount
RBC1500 TRIPPLITE-RBC1500 Datasheet
158Kb / 2P
UPS Battery Replacement for Select SMART1200LCD, SMART1500LCD, SMART1500LCDXL, SMX1500LCD UPS Systems
4POSTRAILKITHD TRIPPLITE-4POSTRAILKITHD Datasheet
152Kb / 2P
SmartRack Mounting Rail Kit - enables 4-Post Rackmount Installation of select UPS Systems
logo
Maxtena Inc.
MMB-01-10-W MAXTENA-MMB-01-10-W Datasheet
2Mb / 2P
Wall mount Bracket
REV A
MMB-01-12-P MAXTENA-MMB-01-12-P Datasheet
773Kb / 2P
Wall mount Bracket
REV A
logo
Tripp Lite. All Rights ...
2POSTRMKITMB TRIPPLITE-2POSTRMKITMB Datasheet
81Kb / 2P
2-Post Rack-Mount Installation Kit for Select Tripp Lite SmartOnline UPS Systems
WEBCARDLXE TRIPPLITE-WEBCARDLXE Datasheet
44Kb / 2P
WEBCARDLXE Network Management Card for Select UPS Systems
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com