Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62352P Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # M62352P
Description  8-bit 12ch D/A Converter with Buffer Amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62352P Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button M62352P_15 Datasheet HTML 2Page - Renesas Technology Corp M62352P_15 Datasheet HTML 3Page - Renesas Technology Corp M62352P_15 Datasheet HTML 4Page - Renesas Technology Corp M62352P_15 Datasheet HTML 5Page - Renesas Technology Corp M62352P_15 Datasheet HTML 6Page - Renesas Technology Corp M62352P_15 Datasheet HTML 7Page - Renesas Technology Corp M62352P_15 Datasheet HTML 8Page - Renesas Technology Corp M62352P_15 Datasheet HTML 9Page - Renesas Technology Corp M62352P_15 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
M62352P/FP/GP
Preliminary
R03DS0041EJ0400 Rev.4.00
Page 9 of 9
Jun 03, 2011
SSOP20-P-225-0.65
—
——
——
——
——
—
——
——
——
——
——
——
——
JEDEC Code
0.08
20P2E-A
Plastic 20pin 225mil SSOP
Symbol
Min
Nom
Max
A
A2
b
c
D
E
L
L1
y
Dimension in Millimeters
HE
A1
I2
0.17
0
0.13
6.4
4.3
6.2
0.3
.0
1
0.1
1.15
0.22
0.15
6.5
4.4
0.65
6.4
0.5
1.0
0.2
1.45
0.32
0.2
6.6
4.5
6.6
0.7
0.1
b2
0.35
0°
10°
e
e1
20
11
10
1
D
e
y
F
A
A2
A1
c
e
b2
Detail F
x
Z1
0.325
0.475
0.13
z
G
b
x
M
Detail G
z
Z1
EIAJ Package Code
Weight(g)
Lead Material
Alloy 42
5.8
Recommended Mount Pad



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com