Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1841 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1841
Description  Ultralow Power Dual Comparators with Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1841 Datasheet(HTML) 3 Page - Linear Technology

  LTC1841 Datasheet HTML 1Page - Linear Technology LTC1841 Datasheet HTML 2Page - Linear Technology LTC1841 Datasheet HTML 3Page - Linear Technology LTC1841 Datasheet HTML 4Page - Linear Technology LTC1841 Datasheet HTML 5Page - Linear Technology LTC1841 Datasheet HTML 6Page - Linear Technology LTC1841 Datasheet HTML 7Page - Linear Technology LTC1841 Datasheet HTML 8Page - Linear Technology LTC1841 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1841/LTC1842/LTC1843
ELECTRICAL CHARACTERISTICS V+ = 5V, V– = 0V, T
A = 25°C unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tPD
Propagation Delay
COUT = 10pF, RPULL-UP = 100k Overdrive = 10mV
12
µs
Overdrive = 100mV
4
µs
ILEAK
Output Leakage Current
VOUT = 12V (Note 2)
q
1
100
nA
VOL
Output Low Voltage
IOUT = 1.8mA
q
V – + 0.4V
V
Reference (LTC1842/LTC1843)
VREF
Reference Voltage
No Load
25
°C
1.174
1.182
1.190
V
0
°C to 70°C
q
1.170
1.194
V
–40
°C to 85°C
q
1.164
1.200
V
∆VREFLoad Regulation
ISOURCE = 1mA
q
13
mV
ISINK =10µA
1.75
4
mV
q
6mV
en
Voltage Noise
100Hz to 100kHz
100
µVRMS
V + = 3V, V – = 0V, TA = 25°C unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply
V +
Supply Voltage Range
LTC1841
q
2.0
11
V
LTC1842/LTC1843
q
2.5
11
V
ICC
Supply Current
HYST = REF (Note 2)
q
3.5
5.5
µA
Comparator
VOS
Comparator Input Offset Voltage
(Note 3)
q
±3
±10
mV
IIN
Input Leakage Current (IN +, IN –)IN + = IN – = 1.5V (LTC1841),
q
±0.01
±1nA
IN + = IN – = VREF (LTC1842/LTC1843)
VIN
Comparator Input Voltage Range
q
V –
V + – 1.3V
V
PSRR
Power Supply Rejection Ratio
V + = 2V to 11V (LTC 1841),
0.1
1
mV/V
V + = 2.5V to 11V (LTC1842/LTC1843)
CMRR
Common Mode Rejection Ratio
VCM = V – to (V + – 1.3V) LTC1841
q
0.1
1
mV/V
VHYST
Hysteresis Input Voltage Range
LTC1842/LTC1843
q
VREF – 50mV
VREF
V
tPD
Propagation Delay
COUT = 10pF, RPULL-UP = 100k Overdrive = 10mV
14
µs
Overdrive = 100mV
5
µs
ILEAK
Output Leakage Current
VOUT = 12V (Note 2)
q
1
100
nA
VOL
Output Low Voltage
IO = 0.8mA
q
V – + 0.4V
V
Reference (LTC1842/LTC1843)
VREF
Reference Voltage
No Load
25
°C
1.174
1.182
1.190
V
0
°C to 70°C
q
1.170
1.194
V
–40
°C to 85°C
q
1.164
1.200
V
∆VREFLoad Regulation
ISOURCE = 1mA
q
26
mV
ISINK =10µA
1.75
4
mV
q
6mV
en
Voltage Noise
100Hz to 100kHz
100
µVRMS
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: IN + = IN – + 80mV, output is in high impedance state.
Note 3: VCM = 1/2(V + – V –) for LTC1841, VCM = VREF for LTC1842/
LTC1843.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com