Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM134 Datasheet(PDF) 9 Page - Linear Technology

Part # LM134
Description  Constant Current Source and Temperature Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM134 Datasheet(HTML) 9 Page - Linear Technology

Back Button LM134 Datasheet HTML 4Page - Linear Technology LM134 Datasheet HTML 5Page - Linear Technology LM134 Datasheet HTML 6Page - Linear Technology LM134 Datasheet HTML 7Page - Linear Technology LM134 Datasheet HTML 8Page - Linear Technology LM134 Datasheet HTML 9Page - Linear Technology LM134 Datasheet HTML 10Page - Linear Technology LM134 Datasheet HTML 11Page - Linear Technology LM134 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LM134 Series
9
TYPICAL APPLICATIO S
Precision 10nA Current Source
Micropower 5V Reference
FET Cascoding for Low Capacitance
and/or Ultrahigh Output Impedance
SCHE ATIC DIAGRA
Q7
Q8
Q5
Q4
Q6
Q1
Q2
Q3
V+
V–
R
C1
50pF
134 SD
–
+
IO
V+
V–
R
R1
2.7k
R2
226k
R3
1M
R4
100M
Ω
LM134
2
3
4
7
6
8
LT1004-1.2
15V
–15V
15V
LT1008
BUFFERED
VOLTAGE
OUTPUT
200pF
IO = 10nA
ZO ≥ 10
12Ω
COMPLIANCE = –14V TO 12.5V
TA14
R
LM334
TA15
–
+
2
3
4
7
6
8
LM4250
22M
LT1004-1.2
(1.235V)
5.6k
1M
1%
3.01M
1%
150pF
VIN = 6.5V TO 15V
VOUT = 5V
V–
V+
R
LM334
RSET
ISET
ISET
VIN
–VIN
Q1*
V–
V+
R
LM334
RSET
TA16
VIN
–VIN
Q2*
*SELECT Q1 OR Q2 TO ENSURE AT LEAST 1V
ACROSS THE LM134. VP (1 – ISET/IDSS) ≥ 1.2V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com