Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1122 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1122
Description  Fast Settling, JFET Input Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1122 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1122 Datasheet HTML 6Page - Linear Technology LT1122 Datasheet HTML 7Page - Linear Technology LT1122 Datasheet HTML 8Page - Linear Technology LT1122 Datasheet HTML 9Page - Linear Technology LT1122 Datasheet HTML 10Page - Linear Technology LT1122 Datasheet HTML 11Page - Linear Technology LT1122 Datasheet HTML 12Page - Linear Technology LT1122 Datasheet HTML 13Page - Linear Technology LT1122 Datasheet HTML 14Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
LT1122
14
1122fb
For more information www.linear.com/LT1122
LINEAR TECHNOLOGY CORPORATION 1991
LT 0214 REV B • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LT1122
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LT1022
High Speed Precision JFET Op Amp
23V/µs Min Slew Rate, 250µV VOS
LT1055/LT1056
Precision High Speed JFET Op Amps
16V/µs Slew Rate, 150µV VOS
LT1464
1MHz C-Load™ Stable JFET Op Amp
Capacitive Loads Up to 10nF
LTC®6244
50MHz Low Noise CMOS Op Amp
1pA IB, 100µV Max VOS, 1.5µVP-P, 0.1Hz to 10Hz Noise
Wide-Band, Filtered, Full Wave Rectifier
IN
V
OUT
E
DC
+
–
1µF
200k
1%
20k
1%
100k
1%
1k
50k
200k
1%
20k
1%
LT1122
OUTPUT DC = RMS VALUE OF INPUT
BANDWIDTH WITH 10VP-P INPUT = 2MHz
+
–
LT1122
1122 TA06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com