Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1353 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1353
Description  Dual and Quad 250A, 3MHz, 200V/s Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1353 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1353 Datasheet HTML 4Page - Linear Technology LT1353 Datasheet HTML 5Page - Linear Technology LT1353 Datasheet HTML 6Page - Linear Technology LT1353 Datasheet HTML 7Page - Linear Technology LT1353 Datasheet HTML 8Page - Linear Technology LT1353 Datasheet HTML 9Page - Linear Technology LT1353 Datasheet HTML 10Page - Linear Technology LT1353 Datasheet HTML 11Page - Linear Technology LT1353 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1352/LT1353
13523fa
TYPICAL PERFORMANCE CHARACTERISTICS
SUPPLY VOLTAGE (
±V)
0
0
50
100
150
200
510
1352/53 G22
15
TA = 25°C
AV = –1
RF = RG = 5k
SR = (SR+ + SR–)/2
Slew Rate vs Supply Voltage
INPUT LEVEL (VP-P)
0
75
100
125
12
20
1352/53 G24
50
25
0
48
16
150
175
200
24
TA = 25°C
VS = ±15V
AV = –1
RFB = RG = 5k
SR = (SR+ + SR–)/2
TEMPERATURE (
°C)
–50
–25
0
100
250
0
50
75
1352/53 G23
50
200
150
25
100
125
AV = –1
RF = RG = RL = 5k
SR = (SR+ + SR–)/2
VS = ±15V
VS = ±5V
Slew Rate vs Temperature
Slew Rate vs Input Level
Total Harmonic Distortion
vs Frequency
FREQUENCY (Hz)
10
0.01
0.1
1
100
1k
10k
100k
1352/53 G25
0.001
TA = 25°C
VS = ±15V
RL = 5k
VO = 2VP-P
AV = –1
AV = 1
Undistorted Output Swing
vs Frequency (
±15V)
FREQUENCY (Hz)
10k
0
5
10
15
20
30
100k
1M
1352/53 G26
25
VS = ±15V
RL = 5k
THD = 1%
AV = –1
AV = 1
Undistorted Output Swing
vs Frequency (
±5V)
FREQUENCY (Hz)
10k
0
2
4
6
8
1
3
5
7
9
100k
1M
1352/53 G27
10
VS = ±5V
RL = 5k
THD = 1%
AV = 1
AV = –1
2nd and 3rd Harmonic Distortion
vs Frequency
Capacitive Load Handling
FREQUENCY (Hz)
100k
–30
–40
–50
–60
–70
–80
–90
1M
1352/53 G28
3RD HARMONIC
2ND HARMONIC
VS = ±15V
AV = 1
RL = 5k
VO = 2VP-P
FREQUENCY (Hz)
–100
–90
–70
–50
–40
100
10k
100k
10M
1352/53 G29
–110
1k
1M
–60
–80
–120
TA = 25°C
AV = 1
RL = 1k
VIN = 15dBm
CAPACITIVE LOAD (F)
10p
40
50
60
70
80
100p
1n
10n
0.1
µ
1
µ
1352/53 G30
30
20
10
0
90
100
TA = 25°C
VS = ±15V
RL = 5k
AV = 1
AV = –1
Crosstalk vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com