Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1528 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1528
Description  3A Low Dropout Regulator for Microprocessor Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1528 Datasheet(HTML) 2 Page - Linear Technology

  LT1528_15 Datasheet HTML 1Page - Linear Technology LT1528_15 Datasheet HTML 2Page - Linear Technology LT1528_15 Datasheet HTML 3Page - Linear Technology LT1528_15 Datasheet HTML 4Page - Linear Technology LT1528_15 Datasheet HTML 5Page - Linear Technology LT1528_15 Datasheet HTML 6Page - Linear Technology LT1528_15 Datasheet HTML 7Page - Linear Technology LT1528_15 Datasheet HTML 8Page - Linear Technology LT1528_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT1528
2
1528fb
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
(Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Regulated Output Voltages (Notes 3, 4)
VIN = 3.8V, IOUT = 1mA
4.3V < VIN < 15V, 1mA < IOUT < 3A
l
3.250
3.200
3.300
3.300
3.350
3.400
V
V
Line Regulation (Note 4)
ΔVIN = 3.8V to 15V, IOUT = 1mA
l
1.5
1.0
mV
Load Regulation (Note 4)
ΔILOAD = 1mA to 3A, VIN = 4.3V
ΔILOAD = 1mA to 3A, VIN = 4.3V
l
12
15
20
30
mV
mV
Dropout Voltage (Note 5)
ILOAD = 10mA
ILOAD = 10mA
l
70
110
150
mV
mV
Output Short-Circuit Duration .......................... Indefinite
Storage Temperature Range................... –65°C to 150°C
Operating Junction Temperature Range
LT1528C................................................ 0°C to 125°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
*For applications requiring input voltage ratings greater than 15V,
contact the factory.
Input Voltage........................................................ ±15V*
OUTPUT Pin Reverse Current ................................10mA
SENSE Pin Current.................................................10mA
SHDN Pin Input Voltage (Note 2)..................6.5V, –0.3V
SHDN Pin Input Current (Note 2).............................5mA
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1528CQ#PBF
LT1528CQ#TRPBF
LT1528CQ
5-Lead Plastic DD-PAK
0°C to 125°C
LT1528CT#PBF
LT1528CT#TRPBF
LT1528CT
5-Lead Plastic TO-220
0°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1528CQ
LT1528CQ#TR
LT1528CQ
5-Lead Plastic DD-PAK
0°C to 125°C
LT1528CT
LT1528CT#TR
LT1528CT
5-Lead Plastic TO-220
0°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TJ = 25°C.
Q PACKAGE
5-LEAD PLASTIC DD
FRONT VIEW
TAB IS
GND
VIN
SHDN
GND
SENSE
OUTPUT
5
4
3
2
1
T PACKAGE
5-LEAD PLASTIC TO-220
VIN
SHDN
GND
SENSE
OUTPUT
FRONT VIEW
TAB IS
GND
5
4
3
2
1
TJMAX = 125°C, θJA = 30°C/ W
TJMAX = 125°C, θJA = 50°C/ W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com