Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD6124ACS Datasheet(PDF) 13 Page - NEC

Part # UPD6124ACS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6124ACS Datasheet(HTML) 13 Page - NEC

Back Button UPD6124ACS Datasheet HTML 9Page - NEC UPD6124ACS Datasheet HTML 10Page - NEC UPD6124ACS Datasheet HTML 11Page - NEC UPD6124ACS Datasheet HTML 12Page - NEC UPD6124ACS Datasheet HTML 13Page - NEC UPD6124ACS Datasheet HTML 14Page - NEC UPD6124ACS Datasheet HTML 15Page - NEC UPD6124ACS Datasheet HTML 16Page - NEC UPD6124ACS Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
µPD6124A, 6600A
13
13. CONTROL REGISTER (P1)
The control register contains of 10 bits. The controllable items are shown in Table 13-1.
Table 13-1. Control Register (P1) (1/2)
(a)
µPD6124A
Bit
D 9
Name
Test mode
–
Be sure to set 0.
0
1
Set
Value
Timer
D 8
D 7
D 6
D 5
D 4
D 3
D 2
D 1
D 0
HALT
D.P.
AD
MOD
K I/O
9
D.P.
AD8
RL A
A
CC
0 ←
STOP
NOP
f
/8
AD =0
9
AD =0
8
OSC
IN
RUN
OSC
STOP
f
/12
AD =1
9
AD =1
8
OSC
OUT
A 3
S-IN
D0 .......................... Specifies data to be input to A0 when the accumulator is shifted to the left.
0: A3, 1:S-IN
D1 .......................... Specifies the status of KI/O, as follows:
0: input mode, 1: output mode
D2 .......................... Specifies the status of the timer, as follows:
0: Count stop, 1: Count execution
D3 .......................... Specifies the carrier frequency output from the REM pin.
0: fOSC/8, 1: fOSC/12
D4, D5 ................. Specify the high-order 2 bits of the ROM data pointer.
D6 .......................... Determines what happen to the oscillation circuit when the HALT instruction is executed.
0: Oscillation does not stop
1: Oscillation stops (STOP mode)
D7 .......................... Be sure to set this bit to 0.
D8, D9 ................. These bits specify test modes. Be sure to set them to 0.
Remark
D0 = D8 = D9 = 0 on reset, and the other bits are undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com