Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EURO4 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # EURO4
Description  Isobar 4-Outlet 200-240V Surge Protector, 2M Cord,680 Joules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

EURO4 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  EURO4 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved EURO4 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved EURO4 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2m C13 to C14 interconnection cable included
Keyhole mounting tabs for installation in a wide variety of applications
200-240VAC, 50/60Hz electrical compatibility
Specifications
OUTPUT
Frequency Compatibility
50 / 60 Hz
Output Receptacles
(4) C13
Circuit Breaker (amps)
9
USB Charging
No
INPUT
Nominal Input Voltage(s) Supported
230V AC
Recommended Electrical Service
230V (220-250V)
Input Connection Type
IEC-C14 inlet connection accepts a variety of detachable cord sets to match country or site-specific wall receptacles
Input Plug Features
Includes 1 detachable IEC-320 C13 to C14 cable
Input Cord Length (ft.)
6
Input Cord Length (m)
2
Voltage Compatibility (VAC)
220-250
Maximum Surge Amps
15000
USER INTERFACE, ALERTS & CONTROLS
Switches
Two position orange illuminated on/off power switch
SURGE / NOISE SUPPRESSION
AC Suppression Joule Rating
680
AC Suppression Response Time
NM = 0 ns. CM = <1 ns
Protection Modes
Includes full normal mode (H-N) and common mode (N-G / H-G) line surge suppression
Clamping Voltage (RMS)
300
AC Suppression Components Used
Metal oxide varistors, toroidal balanced chokes, ferrite rod-core inductors and VHF capacitors.
Isolated Filter Banks
Unique isolated filter bank design offers additional filtering between each pair of outlets on the strip to prevent
electrical noise interference between connected loads. Includes 2 filter banks.
Immunity
Conforms to IEE 587 / ANSI C62.41
DATALINE SURGE SUPPRESSION
Telephone/DSL Protection
No
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com