Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN303 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN303
Description  The purpose of this note is to familiarize
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN303 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN303 Datasheet HTML 4Page - STMicroelectronics AN303 Datasheet HTML 5Page - STMicroelectronics AN303 Datasheet HTML 6Page - STMicroelectronics AN303 Datasheet HTML 7Page - STMicroelectronics AN303 Datasheet HTML 8Page - STMicroelectronics AN303 Datasheet HTML 9Page - STMicroelectronics AN303 Datasheet HTML 10Page - STMicroelectronics AN303 Datasheet HTML 11Page - STMicroelectronics AN303 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Latching current – the details
AN303
8/13
Doc ID 3654 Rev 3
2.3.3
Typical variation of IL with junction temperature
The latching current is physically related to the triggering gate current IGT. These two
parameters vary with the junction temperature as shown in Figure 9.
Figure 9.
Relative variation of IL with the junction temperature Tj
Example
With a BTA12-600C,
IL (QI) = 20 mA (measured) at Tj = 25 °C, then IL (QI) ≈ 32.5 mA at Tj = – 40 °C.
2.3.4
Influence of the external gate-cathode resistor
In some applications, an RGK resistor is connected between the gate and the cathode of the
component. This resistor either improves device behavior under fast transient voltages (by-
pass for A2-G leakage current) in the case of sensitive SCRs or forms part of the triggering
circuit. The value of this resistor, as well as the sensitivity of the component, affects the
latching current as shown in Figure 10.
Figure 10.
Variation of IL, for a sensitive SCR with RGK
IL[RGK] / IL[RGK = 1 kΩ]
0
1
2
3
4
5
6
7
8
9
10
0.01
0.10
1.00
10.00
R(k )
GK
Ω
Sensitive SCR
Tj = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com