Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN308 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN308
Description  TRIAC analog control circuits for inductive loads
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN308 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN308 Datasheet HTML 4Page - STMicroelectronics AN308 Datasheet HTML 5Page - STMicroelectronics AN308 Datasheet HTML 6Page - STMicroelectronics AN308 Datasheet HTML 7Page - STMicroelectronics AN308 Datasheet HTML 8Page - STMicroelectronics AN308 Datasheet HTML 9Page - STMicroelectronics AN308 Datasheet HTML 10Page - STMicroelectronics AN308 Datasheet HTML 11Page - STMicroelectronics AN308 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Application examples
AN308
8/16
2
Application examples
2.1
Synchronization across the TRIAC
The schematic in Figure 9 is used to set the speed of a low-power induction motor, such as
those which can be found in fan applications.
Capacitors C1, C2 and C4 are used to filter the noise coming from TRIAC commutations. C1
and C4 capacitors have to be from Y2 technology, whereas C2 has to be from X2
technology.
Figure 9.
Speed-control circuit for a small asynchronous motor
Motor
C3
3.3uF
47nF
C5
DB3
1.5K
R1
R2
1M
P1
1M
BTB04-600SL
AC Mains
3.3nF
C1
3.3nF
C4
3.3nF
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com