Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN414 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN414
Description  Variable speed drives have become widespread in the home appliance field
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN414 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN414 Datasheet HTML 5Page - STMicroelectronics AN414 Datasheet HTML 6Page - STMicroelectronics AN414 Datasheet HTML 7Page - STMicroelectronics AN414 Datasheet HTML 8Page - STMicroelectronics AN414 Datasheet HTML 9Page - STMicroelectronics AN414 Datasheet HTML 10Page - STMicroelectronics AN414 Datasheet HTML 11Page - STMicroelectronics AN414 Datasheet HTML 12Page - STMicroelectronics AN414 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AN414
Application description
Doc ID 1876 Rev 2
9/14
Figure 7.
Voltage Compensation (Dynamic performance: motor current ripple
reduction (1 A/Div, 2 Ms/Div)
3.4
Motor power limitation
The purpose of the power limitation is to keep the motor within its safe operating area in
case of excessive loading (avoid overheating and hard brush switching). The motor current
is evaluated every 3 milliseconds by measuring the peak chopped current in the IGBT
emitter.
If we call d the duty cycle of the PWM signal, Ud the motor DC supply voltage and Imot the
average current in the motor, the electrical power fed to the motor is:
P = Vmot x Imot = d x Ud x Imot
If we want to limit P to a maximum value Pmax (300 W in our example), we must keep the
duty cycle below a maximum duty cycle "d_max":
d £ d_max with d_max = Pmax / (Ud x Imot)
The program repetitively measures Imot and Ud using the A/D converter of the ST6265C.
Then it extracts d_max from a table addressed by Ud and Imot. It then compares d to d_max
and decreases d if it is larger than d_max.
The power limitation presents "smooth" transitions between "limited" condition and
"non-limited" condition, in order to avoid oscillations or jerks.
Imotor av = 2.5 Amps ; Vmotor = 105 V
Uac = 230 V ; C = 100 μF
2 ms/dv ; 1 A/dv
0 Amps --
0 Amps --
ΔI = 2 Amp
ΔI = 1 Amp
MS19695V
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com