Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN420 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN420
Description  Occasionally the analog signal provided by external sensors require
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN420 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN420 Datasheet HTML 4Page - STMicroelectronics AN420 Datasheet HTML 5Page - STMicroelectronics AN420 Datasheet HTML 6Page - STMicroelectronics AN420 Datasheet HTML 7Page - STMicroelectronics AN420 Datasheet HTML 8Page - STMicroelectronics AN420 Datasheet HTML 9Page - STMicroelectronics AN420 Datasheet HTML 10Page - STMicroelectronics AN420 Datasheet HTML 11Page - STMicroelectronics AN420 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Example
AN420
8/15
Doc ID 2078 Rev 2
4
Example
Let us assume we have a voltage swing of 10 volts (0 to 10) that we want to convert with a
10-bit resolution. And let us assume we have a set of voltage sources VNj that we can
switch between 0 to 5 volts under software control, and each one independently from the
other.
Let us also assume we can 'cut' the 10 volt swing in 4 'pieces' of 2.5 volts each, and that
every 'piece' can be converted with 8-bit resolution. The overall resolution will therefore be:
28 (ST6 A/D resolution) * 2
2
(# of 'pieces') = 2
10
Let us call Vin the actual value of the source to be converted. For instance, if Vin ε [10, 7,5]
volts, we could supply the ST6 A/D with the voltage:
(Vin-7.5volt)x2 => ε[0,5]volt
or, for (10,7.5) volts:
(Vin-1.5xVN1)x2 = 2xVin-3xVN1
where VN1 is one of the VNj sources, either 0 or 5 volts. In similar fashion, for the other
intervals, we could obtain:
(7.5, 5) volts
(Vin-VN2)x2 = 2xVin-2xVN2
(5, 2.5) volts
(Vin-0.5xVN3)x2 = 2xVin-VN3
(2.5, 0) volts
(Vin-0xVN4)x2 = 2xVin
So, relation (6) becomes:
V0 = 2xVin-3xVN1-2xVN2-VN3 where Vin =VP1
The software driving the conversion will therefore verify if, given a certain status of the VNj
voltages, the conversion is far from being saturated. If so, another try will be performed with
a different status of the VNj voltages. Figure 3 gives the flow chart of such software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com