Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN432 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN432
Description  All members of the ST62 Series of Microcontrollers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN432 Datasheet(HTML) 1 Page - STMicroelectronics

  AN432 Datasheet HTML 1Page - STMicroelectronics AN432 Datasheet HTML 2Page - STMicroelectronics AN432 Datasheet HTML 3Page - STMicroelectronics AN432 Datasheet HTML 4Page - STMicroelectronics AN432 Datasheet HTML 5Page - STMicroelectronics AN432 Datasheet HTML 6Page - STMicroelectronics AN432 Datasheet HTML 7Page - STMicroelectronics AN432 Datasheet HTML 8Page - STMicroelectronics AN432 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AN432/1203
1/12
Rev. 1.1
AN432
APPLICATION NOTE
USING ST62xx I/O PORTS SAFELY
by J.Stockinger
INTRODUCTION
All members of the ST62 Series of Microcontrollers from STMicroelectronics feature I/O ports
with configurable bit functions. In addition many I/O bits may be set as inputs to the on-chip
Analog to Digital Converter. This port bit function is in addition to the normal I/O functions of
input (with or without internal pull-up resistor), output (open drain or push-pull) or edge/level
selectable interrupt input (with pull-up). This flexibility makes the ST62 series suitable for
many industrial control applications (and for many other uses).
This application note explains the architecture of the I/O bit associated with these port func-
tions and provides some indications on the correct use of these features for functions such as
keyboard scanning and analog inputs. The correct manner to switch between these function is
also demonstrated in order to prevent potential malfunctions in operation.
1


Similar Part No. - AN432

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4324 STMICROELECTRONICS-AN4324 Datasheet
858Kb / 31P
STC3115 system integration
12-Nov-2014
AN4325 STMICROELECTRONICS-AN4325 Datasheet
473Kb / 27P
Getting started with STM32F030xx hardware development
10-Nov-2014
AN4326 STMICROELECTRONICS-AN4326 Datasheet
517Kb / 17P
Increasing the M24LRXXE-R family ESD robustness on antenna using an external ESD protection
25-Jul-2013
More results

Similar Description - AN432

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PXB4220 INFINEON-PXB4220 Datasheet
46Kb / 2P
members of Infineon ATM Chipset
2000
logo
Texas Instruments
ADS8568EVM-PDK TI1-ADS8568EVM-PDK Datasheet
5Mb / 23P
The ADS8568EVM allows evaluation of all aspects of the ADS8568 device.
logo
STMicroelectronics
AN2021 STMICROELECTRONICS-AN2021 Datasheet
880Kb / 39P
The ST10F272B and ST10F272E are members of the STMicroelectronics
24-Sep-2013
AN672 STMICROELECTRONICS-AN672 Datasheet
34Kb / 3P
When using the internal Analog to Digital Converter of the ST62 family
Rev. 2.0
AN4067 STMICROELECTRONICS-AN4067 Datasheet
517Kb / 27P
Microcontrollers of STM32F0x1
05-Feb-2015
AN4207 STMICROELECTRONICS-AN4207 Datasheet
310Kb / 28P
The STM32F37x series of microcontrollers combines
13-Dec-2012
AN4566 STMICROELECTRONICS-AN4566 Datasheet
369Kb / 19P
Extending the DAC performance of STM32 microcontrollers
03-Nov-2014
AN4635 STMICROELECTRONICS-AN4635 Datasheet
806Kb / 34P
Minimization of power consumption using LPUART in microcontrollers of the STM32L0 series
22-Apr-2015
logo
PHOENIX CONTACT
2880150 PHOENIX-2880150 Datasheet
64Kb / 5P
Protection of all eight signal wires of the data cable
logo
NXP Semiconductors
MC56F826XXDS NXP-MC56F826XXDS Datasheet
1Mb / 60P
The following table is the comparsion of features among members of the family.
Rev. 0, 08/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com