Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN439 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN439
Description  The use of TRIACs is limited by their switching behavior
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN439 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN439 Datasheet HTML 4Page - STMicroelectronics AN439 Datasheet HTML 5Page - STMicroelectronics AN439 Datasheet HTML 6Page - STMicroelectronics AN439 Datasheet HTML 7Page - STMicroelectronics AN439 Datasheet HTML 8Page - STMicroelectronics AN439 Datasheet HTML 9Page - STMicroelectronics AN439 Datasheet HTML 10Page - STMicroelectronics AN439 Datasheet HTML 11Page - STMicroelectronics AN439 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Logic level and Snubberless TRIACs
AN439
8/16
2
Logic level and Snubberless TRIACs
2.1
Operation in Q1-Q2-Q3 quadrants
To make significant progress in the TRIAC technology is to essentially improve the turn-off
behaviour. In other words, the critical (dI/dt)c has to be improved.
To reach this aim, a different structure has been developed. In this structure, the different
active areas have been decoupled to separate the elementary thyristors and the gate area.
This improvement provides the gate triggering in the fourth quadrant. In practice this
modification does not lead to a problem because the gate drive circuits generally work in
Q1/Q3 or Q2/Q3. (see Figure 8)
Figure 8.
Basic gate drive circuits in Q1/Q3 or Q2/Q3 operations
For a given technology, the TRIACs commutation behaviour depends on the gate sensitivity.
The correlation between the critical (dI/dt)c and the triggering gate current for 12 A TRIACs
is represented in Figure 9. For a same current rating and gate sensitivity, Snubberless
TRIACs present a (dI/dt)c at least 2 times higher than for standard TRIACs.
Figure 9.
Correlation between commutation behavior and sensitivity
(measurement performed on several lots of 12 A TRIACs)
Diac
C
R
+V
cc
µC
+V
cc
Opto-triac
Q1/Q3 operation
Q2/Q3 operation
I
GT (mA)
3rd quadrant
Critical
(dI/dt)c (A/ms)
Snubberless TRIACs
Standard TRIACs
I
GT (mA)
3rd quadrant
Critical
(dI/dt)c (A/ms)
Snubberless Triacs
Standard Triacs
10
20
30
40
50
60
10
20
30
40
50
60
5
10
15
20
25
30
5
0
10
15
20
25
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com