Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN977 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN977
Description  GUIDELINES FOR UPGRADING FROM THE ST92F120
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN977 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN977 Datasheet HTML 4Page - STMicroelectronics AN977 Datasheet HTML 5Page - STMicroelectronics AN977 Datasheet HTML 6Page - STMicroelectronics AN977 Datasheet HTML 7Page - STMicroelectronics AN977 Datasheet HTML 8Page - STMicroelectronics AN977 Datasheet HTML 9Page - STMicroelectronics AN977 Datasheet HTML 10Page - STMicroelectronics AN977 Datasheet HTML 11Page - STMicroelectronics AN977 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8/17
GUIDELINES FOR UPGRADING FROM THE ST92F120 (0.50 µm) TO THE ST92F124...
1.7.2 PWM Mode
The OCF1 bit cannot be set by hardware in PWM mode, but the OCF2 bit is set every time the
counter matches the value in the OC2R register. This can generate an interrupt if the OCIE is
set or if the OCIE is reset and OC2IE is set. This interrupt will help any application where pulse
widths or periods need to be changed interactively.
1.8 A/D CONVERTER (ADC)
A new A/D converter with the following main features has been added:
– 16 channels,
– 10-bit resolution,
– 4 MHz maximum frequency (ADC clock),
– 8 ADC clock cycles for sampling time,
– 20 ADC clock cycle for conversion time,
– Zero input reading 0x0000,
– Full scale reading 0xFFC0,
– Absolute accuracy is ± 4 LSBs.
This new A/D converter has the same architecture as the previous one. It still supports the an-
alog watchdog feature, but now it uses only 2 of the 16 channels. These 2 channels are con-
tiguous and channel addresses can be selected by software. With the previous solution using
two ADC cells, four analog watchdog channels were available but at fixed channel addresses,
channels 6 and 7.
Refer to the updated ST92F124/F150/F250 Datasheet for the description of the new A/D Con-
verter.
1.9 I²C
1.10 I²C IERRP BIT RESET
On the ST92F124/F150/F250 I²C, the IERRP (I2CISR) bit can be reset by software even if one
of the following flags is set:
– SCLF, ADDTX, AF, STOPF, ARLO and BERR in the I2CSR2 register
– SB bit in the I2CSR1 Register
It is not true for the ST92F120 I²C: the IERRP bit cannot be reset by software if one these flags
is set. For this reason, on the ST92F120, the corresponding interrupt routine (entered fol-
lowing a first event) is re-entered immediately if another event occurred during the first routine
execution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com