Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD61P24 Datasheet(PDF) 1 Page - NEC

Part # UPD61P24
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD61P24 Datasheet(HTML) 1 Page - NEC

  UPD61P24 Datasheet HTML 1Page - NEC UPD61P24 Datasheet HTML 2Page - NEC UPD61P24 Datasheet HTML 3Page - NEC UPD61P24 Datasheet HTML 4Page - NEC UPD61P24 Datasheet HTML 5Page - NEC UPD61P24 Datasheet HTML 6Page - NEC UPD61P24 Datasheet HTML 7Page - NEC UPD61P24 Datasheet HTML 8Page - NEC UPD61P24 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
©
DATA SHEET
MOS INTEGRATED CIRCUIT
µPD61P24
DESCRIPTION
The
µPD61P24 is a 4-bit single-chip microcontroller for infrared remote controllers for TVs, VCRs, stereos, cassette
decks, air conditioners, etc.
As the
µPD61P24 is user-programmable, it is ideal for evaluation of programs running in a µPD6124A or 6600A,
and for small-scale production of such systems.
The functions of the
µPD61P24 are described in detail in the following User’s Manual. Be sure to read this
manual before designing your system.
µPD612X Series User’s Manual: IEP-1083
FEATURES
•
Transmitter for programmable infrared remote control-
ler
•
19 types of instructions
•
Instruction execution time: 17.6
µs (with 455-kHz ce-
ramic resonator)
•
On-chip one-time PROM: 1002
× 10 bits
•
Data memory (RAM) capacity
: 32
× 5 bits
•
9-bit programmable timer: 1 channel
•
I/O pins (KI/O): 8 pins
•
Input pins (KI): 4 pins
•
Serial input pins (S-IN): 1 pin
•
Transmission-in-progress indication pin (S-OUT): 1
pin
•
Transmit carrier frequency (REM)
fOSC/12, fOSC/8
•
Standby operation (HALT/STOP mode)
•
Low power consumption
•
Current consumption in STOP mode (TA = 25
°C)
1
µA MAX.
•
Low-voltage operation: VDD = 2.2 to 5.5 V
4-BIT SINGLE-CHIP MICROCONTROLLER
FOR REMOTE CONTROL TRANSMISSION
The information in this document is subject to change without notice.
The mark
shows major revised points.
Document No. U12629EJ4V0DS00 (4th edition)
Previous No. IC-2876
Date Published July 1997 N
Printed in Japan
Caution To use the NEC transmission format, ask NEC to supply the custom code.
Do no use R0 when using a register as an operand of the branch instruction.
1997


Similar Part No. - UPD61P24

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD61P24 RENESAS-UPD61P24 Datasheet
318Kb / 38P
MOS INTEGRATED CIRCUIT
1997
UPD61P24CS RENESAS-UPD61P24CS Datasheet
318Kb / 38P
MOS INTEGRATED CIRCUIT
1997
UPD61P24GS RENESAS-UPD61P24GS Datasheet
318Kb / 38P
MOS INTEGRATED CIRCUIT
1997
More results

Similar Description - UPD61P24

ManufacturerPart #DatasheetDescription
logo
NEC
UPD6124A NEC-UPD6124A Datasheet
172Kb / 36P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
UPD6125A NEC-UPD6125A Datasheet
286Kb / 40P
4-BIT SINGLE CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
UPD6132 NEC-UPD6132 Datasheet
264Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6133 NEC-UPD6133 Datasheet
410Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD62 NEC-UPD62 Datasheet
300Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD62A NEC-UPD62A Datasheet
377Kb / 62P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD64A NEC-UPD64A Datasheet
399Kb / 64P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
UPD6P5 NEC-UPD6P5 Datasheet
232Kb / 32P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
logo
Renesas Technology Corp
PD6124A RENESAS-PD6124A_15 Datasheet
312Kb / 38P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR REMOTE CONTROL TRANSMISSION
PD62 RENESAS-PD62_15 Datasheet
419Kb / 66P
4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com