Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEDZ2-4BT1G Datasheet(PDF) 4 Page - Leshan Radio Company

Part # LEDZ2-4BT1G
Description  Zener diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LEDZ2-4BT1G Datasheet(HTML) 4 Page - Leshan Radio Company

  LEDZ2-4BT1G_15 Datasheet HTML 1Page - Leshan Radio Company LEDZ2-4BT1G_15 Datasheet HTML 2Page - Leshan Radio Company LEDZ2-4BT1G_15 Datasheet HTML 3Page - Leshan Radio Company LEDZ2-4BT1G_15 Datasheet HTML 4Page - Leshan Radio Company LEDZ2-4BT1G_15 Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1
10
100
01
23456
ZENER VOLTAGE:Vz(V)
Vz-Iz CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
Vz DISPERSION MAP
IR DISPERSION MAP
Ct DISPERSION MAP
ZENER CURRENT:Iz(mA)
Zz-Iz CHARACTERISTICS
f=1MHz
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Ta=25℃
VR=6.0V
n=30pcs
AVE:0.0831nA
0.0001
0.001
0.01
0.1
1
10
100
01
23
45
6
Ta=25℃
Ta=125℃
Ta=75℃
Ta=-25℃
1
10
100
0.1
1
10
8.9
9
9.1
9.2
9.3
9.4
AVE:9.138V
Ta=25℃
IZ=5mA
n=25℃
0
10
20
30
40
50
60
70
80
90
100
AVE:37.50pF
Ta=25℃
f=1MHz
VR=0V
n=10pcs
0.001
0.01
0.1
1
10
78
9
10
11
Ta=75℃
Ta=-25℃
Ta=125℃
Ta=25℃
LESHAN RADIO COMPANY, LTD.
LEDZ2.4BT1G Series
Rev.O 4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com