Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1422 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1422
Description  Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1422 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1422 Datasheet HTML 8Page - Linear Technology LTC1422 Datasheet HTML 9Page - Linear Technology LTC1422 Datasheet HTML 10Page - Linear Technology LTC1422 Datasheet HTML 11Page - Linear Technology LTC1422 Datasheet HTML 12Page - Linear Technology LTC1422 Datasheet HTML 13Page - Linear Technology LTC1422 Datasheet HTML 14Page - Linear Technology LTC1422 Datasheet HTML 15Page - Linear Technology LTC1422 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC1422
1422fb
Figure 13. Switching 48V to a Vicor Module
1
2
3
4
8
7
6
5
VCC
SENSE
GATE
FB
VICOR
VI-J30-CY
Q3
MMBT5551LT1
5V
++
__
GATE IN
C3
100
µF
100V
RESET
ON
TIMER
GND
LTC1422
Q1
IRF530
OPTIONAL
PRECHARGE RESISTOR
1422 F13
Q2
MMBT5551LT1
C1
0.1
µF
25V
CIRCUIT TURNS ON WHEN VIN > 38V
CIRCUIT FOR ACTIVE HIGH TURN-ON MODULES
D1
7.5V
1N755A
C4
1
µF
25V
R6
1M
5%
R7
270k
5%
C2
0.1
µF
25V
R5
10k
5%
R1
36k
5%
R2
1.2k
5%
R3
10
Ω
5%
R8
510
Ω
5%
R4
5.1k
5%
48V
+
–
FUSE
+
1
2
3
4
8
7
6
5
VCC
SENSE
GATE
FB
VOUT
+
SENSE +
SENSE –
VOUT
–
VIN
+
VIN
–
5V
ON/OFF
C3
100
µF
100V
AT&T
JW050A1-E
50W
RESET
ON
TIMER
GND
LTC1422
Q1
IRF530
OPTIONAL
PRECHARGE RESISTOR
1422 F12
Q2
MMBT5551LT1
C1
0.47
µF
25V
CIRCUIT TURNS ON WHEN VIN > 38V
CIRCUIT FOR ACTIVE LOW TURN-ON MODULES
D1
7.5V
1N755A
C4
1
µF
25V
R6
1M
5%
R7
270k
5%
C2
0.1
µF
25V
R5
10k
5%
R1
36k
5%
R2
1.2k
5%
FUSE
R3
10
Ω
5%
R4
510
Ω
5%
48V
+
–
+
Figure 12. Switching 48V to an AT&T Module
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com