Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1535 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1535
Description  Isolated RS485 Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1535 Datasheet(HTML) 2 Page - Linear Technology

  LTC1535 Datasheet HTML 1Page - Linear Technology LTC1535 Datasheet HTML 2Page - Linear Technology LTC1535 Datasheet HTML 3Page - Linear Technology LTC1535 Datasheet HTML 4Page - Linear Technology LTC1535 Datasheet HTML 5Page - Linear Technology LTC1535 Datasheet HTML 6Page - Linear Technology LTC1535 Datasheet HTML 7Page - Linear Technology LTC1535 Datasheet HTML 8Page - Linear Technology LTC1535 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LTC1535
2
1535fb
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VCC to GND .................................................................6V
VCC2 to GND2..............................................................8V
Control Input Voltage to GND....... – 0.3V to (VCC + 0.3V)
Driver Input Voltage to GND..........–0.3V to (VCC + 0.3V)
Driver Output Voltage
(Driver Disabled) to GND2 .............. (VCC2 – 13V) to 13V
Driver Output Voltage
(Driver Enabled) to GND2................ (VCC2 – 13V) to 10V
Receiver Input Voltage to GND2.............................. ±14V
Receiver Output Voltage ...............–0.3V to (VCC + 0.3V)
Operating Temperature Range
LTC1535C ..........................................0°C ≤ TA ≤ 70°C
LTC1535I ...................................... –40°C ≤ TA ≤ 85°C
Storage Temperature Range ..................– 65°C to 150°C
Lead Temperature (Soldering, 10 sec)................... 300°C
(Note 1)
1
2
3
4
11
12
13
14
28
27
26
25
18
17
16
15
VCC
ST1
ST2
GND
GND2
Z
Y
VCC2
RO
RE
DE
DI
SLO
RO2
A
B
SW PACKAGE
28-LEAD PLASTIC SO
TOP VIEW
TJMAX = 125°C, θJA = 125°C/W
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC1535CSW#PBF
LTC1535CSW#TRPBF
1535
28-Lead Plastic SO
0°C to 70°C
LTC1535ISW#PBF
LTC1535ISW#TRPBF
1535
28-Lead Plastic SO
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com