Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1564 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1564
Description  10kHz to 150kHz Digitally Controlled Antialiasing Filter and 4-Bit P.G.A
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1564 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1564 Datasheet HTML 3Page - Linear Technology LTC1564 Datasheet HTML 4Page - Linear Technology LTC1564 Datasheet HTML 5Page - Linear Technology LTC1564 Datasheet HTML 6Page - Linear Technology LTC1564 Datasheet HTML 7Page - Linear Technology LTC1564 Datasheet HTML 8Page - Linear Technology LTC1564 Datasheet HTML 9Page - Linear Technology LTC1564 Datasheet HTML 10Page - Linear Technology LTC1564 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC1564
1564fa
AGND (Pin 15): Analog Ground. The AGND pin is at the
midpoint of an internal resistive voltage divider, develop-
ing a potential halfway between the V+ and V– pins, with
an equivalent series resistance to the pin of nominally 7k.
(In the shutdown state, analog switch FETs interrupt the
voltage-divider resistors and the AGND pin assumes a
high impedance.) AGND also serves as the internal half-
supply reference in the LTC1564, tied to the noninverting
inputs of all internal op amps and establishing the ground
reference voltage for the IN and OUT pins. Because of this,
very “clean” grounding is recommended, including an
PI FU CTIO S
LTC1564
DIGITAL GROUND PLANE
(IF ANY)
ANALOG
GROUND PLANE
1
SINGLE-POINT
SYSTEM GROUND
23
4
5
6
7
1564 F01
8
16
15
14
13
12
11
0.1
µF
V+
10
9
0.1
µF
V–
Figure 1. Dual Supply Ground Plane Connection
LTC1564
DIGITAL GROUND PLANE
(IF ANY)
ANALOG
GROUND PLANE
1
SINGLE-POINT
SYSTEM GROUND
23
4
5
6
7
1564 F01
8
16
V+/2
REFERENCE
15
14
13
12
11
0.1
µF
1
µF
V+
10
9
Figure 2. Single Supply Ground Plane Connection
analog ground plane surrounding the package. For dual
supply operation, this ground plane will be tied to the 0V
point and the AGND pin should connect directly to the
ground plane (Figure 1). For single supply operation, in
contrast, if the system signal ground is at V–, the ground
plane should tie to V– and the AGND pin should be AC-
bypassed to the ground plane by at least a 0.1
µF high
quality capacitor (at least 1
µF for best AC performance)
(Figure 2). As with all high dynamic range analog circuits,
performance in an application will reflect the quality of the
grounding.
Table 3. Summary of LTC1564 Digital Controls and Modes
EN
RST
CS/HOLD
F3
F2
F1
F0
G3
G2 G1
G0
FUNCTION
1
1
1
XXXX
XX
X
X
Shutdown Mode. Filter Disabled. Latch Holds F and G Inputs Present
when Last CS/HOLD = 0
1
1
0
XXXX
XX
X
X
Shutdown Mode. Filter Disabled. Latch Accepts F and G Inputs
1
0
X
XXXX
XX
X
X
Shutdown Mode. Filter Disabled. Latch Contents (F and G) Reset to All Zeros
0
1
0
0000
X
X
X
X
Mute Mode. Filter Active, Zero Gain, Reduced Noise
0
0
X
XXXX
XX
X
X
Mute Mode. Filter Active, Zero Gain, Reduced Noise. Latch Contents
(F and G) Reset to All Zeros
0
1
1
Other Than 0000
X
X
X
X
Normal Filtering Operation. Latch Holds F and G Inputs Present
when Last CS/HOLD = 0
0
1
0
Other Than 0000
X
X
X
X
Normal Filtering Operation. Filter Responds Directly to F and G Input
Pins (See Separate Pin Descriptions)
X = Doesn’t Matter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com