Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1701 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1701
Description  1MHz Step-Down DC/DC Converters in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1701 Datasheet(HTML) 1 Page - Linear Technology

  LTC1701 Datasheet HTML 1Page - Linear Technology LTC1701 Datasheet HTML 2Page - Linear Technology LTC1701 Datasheet HTML 3Page - Linear Technology LTC1701 Datasheet HTML 4Page - Linear Technology LTC1701 Datasheet HTML 5Page - Linear Technology LTC1701 Datasheet HTML 6Page - Linear Technology LTC1701 Datasheet HTML 7Page - Linear Technology LTC1701 Datasheet HTML 8Page - Linear Technology LTC1701 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1701/LTC1701B
TYPICAL APPLICATION
DESCRIPTIO
APPLICATIO S
1MHz Step-Down
DC/DC Converters in SOT-23
s
PDAs/Palmtop PCs
s
Digital Cameras
s
Cellular Phones
s
Portable Media Players
s
PC Cards
s
Handheld Equipment
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Tiny 5-Lead SOT-23 Package
s
Uses Tiny Capacitors and Inductor
s
High Frequency Operation: 1MHz
s
High Output Current: 500mA
s
Low RDS(ON) Internal Switch: 0.28Ω
s
High Efficiency: Up to 94%
s
Current Mode Operation for Excellent Line
and Load Transient Response
s
Short-Circuit Protected
s
Low Quiescent Current: 135
µA (LTC1701)
s
Low Dropout Operation: 100% Duty Cycle
s
Ultralow Shutdown Current: IQ < 1µA
s
Peak Inductor Current Independent of Inductor Value
s
Output Voltages from 5V Down to 1.25V
The LTC
®1701/LTC1701B are the industry’s first SOT-23
step-down, current mode, DC/DC converters. Intended for
low to medium power applications, they operate from 2.5V
to 5.5V input voltage range and switch at 1MHz, allowing
the use of tiny, low cost capacitors and inductors 2mm or
less in height. The output voltage is adjustable from 1.25V
to 5V. A built-in 0.28
Ω switch allows up to 0.5A of output
current at high efficiency. OPTI-LOOP
TM compensation
allows the transient response to be optimized over a wide
range of loads and output capacitors.
The LTC1701 incorporates automatic power saving Burst
Mode
TM operation to reduce gate charge losses when the
load current drops below the level required for continuous
operation. The LTC1701B operates continuously to very
low load currents to provide low ripple at the expense of
light load efficiency. With no load, the LTC1701 draws only
135
µA. In shutdown, both devices draw less than 1µA,
making them ideal for current sensitive applications.
Their small size and switching frequency enables a
complete DC/DC converter function to consume less than
0.3 square inches of PC board area.
VIN
ITH/RUN
SW
VFB
GND
LTC1701
D1
L1
4.7
µH
R4
1M
C1: TAIYO YUDEN JMK316BJ106ML
C2: SANYO POSCAP 6TPA47M
D1: MBRM120L
L1: SUMIDA CD43-4R7
R3
5.1k
C3
330pF
C1
10
µF
+
R2
121k
R1
121k
C2
47
µF
1701 F01a
VOUT
(2.5V/
500mA)
VIN
2.5V TO
5.5V
+
Figure 1. 2.5V/500mA Step-Down Regulator
Efficiency Curve
Burst Mode and OPTI-LOOP are trademarks of Linear Technology Corporation.
FEATURES
LOAD CURRENT (mA)
1
10
100
1000
100
95
90
85
80
75
70
65
60
55
50
1701 F01b
VIN = 3.3V
VOUT = 2.5V
LTC1701
LTC1701B


Similar Part No. - LTC1701

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1701 LINER-LTC1701 Datasheet
138Kb / 12P
1MHz Step-Down DC/DC Converter in SOT-23
LTC1701 LINER-LTC1701 Datasheet
183Kb / 12P
1MHz Step-Down DC/DC Converters in SOT-23
LTC1701 LINER-LTC1701 Datasheet
229Kb / 16P
1.5MHz, 600mA Synchronous Step-Down egulator in ThinSOT
LTC1701B LINER-LTC1701B Datasheet
183Kb / 12P
1MHz Step-Down DC/DC Converters in SOT-23
LTC1701B LINER-LTC1701B Datasheet
189Kb / 12P
1MHz Step-Down DC/DC Converters in SOT-23
More results

Similar Description - LTC1701

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1617 LINER-LT1617 Datasheet
143Kb / 8P
Micropower Inverting DC/DC Converters in SOT-23
LTC1701 LINER-LTC1701 Datasheet
138Kb / 12P
1MHz Step-Down DC/DC Converter in SOT-23
logo
Global Mixed-mode Techn...
G5103 GMT-G5103 Datasheet
288Kb / 8P
Micro-power Step-Up DC/DC Converters in SOT-23-5
logo
National Semiconductor ...
LM3674 NSC-LM3674 Datasheet
1Mb / 15P
2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
logo
Global Mixed-mode Techn...
G5111 GMT-G5111_04 Datasheet
431Kb / 8P
Micro-power Step-Up DC/DC Converters in SOT-23-5
logo
National Semiconductor ...
LM3674_0609 NSC-LM3674_0609 Datasheet
1Mb / 15P
2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
logo
Linear Technology
LTC1701 LINER-LTC1701_1 Datasheet
183Kb / 12P
1MHz Step-Down DC/DC Converters in SOT-23
logo
Texas Instruments
LM3674 TI1-LM3674 Datasheet
4Mb / 25P
LM3674 2MHz, 600mA Step-Down DC-DC Converter in SOT-23
LM3674 TI1-LM3674_14 Datasheet
4Mb / 22P
2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
logo
Linear Technology
LTC1701B LINER-LTC1701B_15 Datasheet
189Kb / 12P
1MHz Step-Down DC/DC Converters in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com