Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APSX4048SW Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # APSX4048SW
Description  PowerVerter APS X Series 4000W Inverter/Charger
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

APSX4048SW Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  APSX4048SW Datasheet HTML 1Page - Tripp Lite. All Rights Reserved APSX4048SW Datasheet HTML 2Page - Tripp Lite. All Rights Reserved APSX4048SW Datasheet HTML 3Page - Tripp Lite. All Rights Reserved APSX4048SW Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3-stage, selectable 1/70 amp battery charger with adjustable settings for wet/gel battery types
LCD display and 4 membrane selector buttons allow user to configure operation
Automatic overload and thermal (overheating) shutoff
Front panel remote control connector enables remote off/on switching (APSRMSW sold separately)
Load sensing control dial enables adjustable load threshold required to automatically turn the inverter on and off in DC mode as load conditions change
Remote battery temperature sensing connection function prolongs battery life by adjusting the charge float voltage level based on battery temperature
Specifications
OUTPUT
Frequency Compatibility
50 / 60 Hz
Output Receptacles
(1) Hardwire
Output (Watts)
4000
Continuous Output Capacity (Watts)
4000
Peak Output Capacity (Watts)
6000
Output Nominal Voltage
220/230/240V
Output Voltage Regulation
LINE POWER (AC): Maintains nominal sine wave output from line power source. INVERTER POWER (AC):
Maintains sine wave output of +/-2%
Output Frequency Regulation
50/60 Hz (+/- 0.5 Hz)
Pure Sine Wave Output
Yes
INPUT
Nominal Input Voltage(s) Supported
220V AC; 230V AC; 240V AC
Recommended Electrical Service
DC INPUT: Requires 48VDC input source capable of delivering 120A for the required duration (when used at full
continuous capacity - DC requirements increase during OverPower and DoubleBoost operation). For automotive
applications, professional hardwire
Maximum Input Amps
120
Input Connection Type
DC INPUT: Set of DC bolt-down terminals. AC INPUT: Hardwire via built in terminal strip with cover plate
Voltage Compatibility (VAC)
220; 230; 240
Voltage Compatibility (VDC)
48
BATTERY
Expandable Battery Runtime
Runtime is expandable with any number of user supplied wet or gel type batteries
DC System Voltage (VDC)
48
Battery Pack Accessory (Optional)
98-121 sealed lead acid battery (optional)
Battery Charge
Selectable 1/70 amp
VOLTAGE REGULATION
Voltage Regulation Description
Includes automatic voltage regulation to correct brownouts and overvoltages back to usable levels
2 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com