Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PVINT375 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # PVINT375
Description  375W PowerVerter Ultra-Compact Car Inverter with 1 Universal 230V 50Hz Outlet
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PVINT375 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  PVINT375 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PVINT375 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PVINT375 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
375W PowerVerter Ultra-Compact Car Inverter with
1 Universal 230V 50Hz Outlet
MODEL NUMBER: PVINT375
Description
Power electrical appliances in your car with Tripp Lite's PVINT375 DC-to-AC power inverter. Converts 12 volt DC
power from your automotive cigarette lighter jack to modified sine wave AC power compatible with 220-240
volt/50Hz equipment. 375 watt continuous/600 watt instantaneous peak surge power handling capability powers
laptop computers, battery chargers, TV/VCRs, gaming systems and small power tools. Universal outlet accepts French, German and UK style connectors,
plus a variety of international plug sets. Rugged, all-metal case design withstands abuse in a compact format weighing approximately 1 kg. Built-in low-battery
alarm and auto-shutoff prevents deep battery discharge. Includes lighted power switch, user replaceable fuse, built-in cooling fan and 1 meter DC input cable.
Features
Converts 12 volt DC to modified sine wave AC power compatible with 220-240 volt/50Hz equipment
1 meter input DC cable connects to any 12 volt automotive cigarette lighter jack
375 watt continuous/600 watt instantaneous peak surge power handling capability supports a variety of electronic loads
Universal outlet accepts French, German and UK style AC input connectors, plus a variety of other international plug sets
Rugged all-metal case
Ultra compact, high-frequency inverter design weighs approximately 1 kg
Low input voltage alarm alerts users to low vehicle battery conditions starting at 10.5V
Automatic low voltage shutoff prevents deep battery discharge starting at 10V
Lighted power switch offers visual notification of power status
Overload protection via user-replaceable automotive fusing
Built-in cooling fan prevents overheating, during extended usage periods
Attractive full color retail packaging
Specifications
OUTPUT
Highlights
12V DC input; 230V AC output; 1
universal global outlet
375 watts continuous output
Convenient cigarette lighter plug
Applications
Ideal means of powering AC
appliances (laptop computers,
electronic notepads, battery
chargers, cell phones, small
power tools, lamps, low power
kitchen appliances,
TV/VCR/Stereo systems and
more) from any 12 volt DC
automotive source
Package Includes
PVINT375 DC-to-AC inverter
system
User manual
Warranty information
1 / 3


Similar Part No. - PVINT375

ManufacturerPart #DatasheetDescription
logo
VIGO Photonics S.A.
PVI VIGO-PVI Datasheet
700Kb / 2P
2.5 – 6.5 μm HgCdTe ambient temperature, optically immersed photovoltaic detectors
25/09/2020
logo
Multicomp Pro
PVI-020-1100-BLK MULTICOMP-PVI-020-1100-BLK Datasheet
198Kb / 2P
PVC Insulating Tubing
V1.0 02/04/20
PVI-020-1100-CLR MULTICOMP-PVI-020-1100-CLR Datasheet
198Kb / 2P
PVC Insulating Tubing
V1.0 02/04/20
PVI-024-1100-BLK MULTICOMP-PVI-024-1100-BLK Datasheet
198Kb / 2P
PVC Insulating Tubing
V1.0 02/04/20
PVI-024-1100-CLR MULTICOMP-PVI-024-1100-CLR Datasheet
198Kb / 2P
PVC Insulating Tubing
V1.0 02/04/20
More results

Similar Description - PVINT375

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PV150 ETC2-PV150 Datasheet
522Kb / 4P
PowerVerter짰 150W Ultra-Compact Inverter with 1 AC Outlet
PV375 ETC2-PV375 Datasheet
540Kb / 4P
PowerVerter짰 375W Ultra-Compact Inverter with 2 Outlets
logo
Tripp Lite. All Rights ...
APSINT2424 TRIPPLITE-APSINT2424 Datasheet
505Kb / 4P
PowerVerter APS INT 2400W 24VDC 230V
APSINT3636VR TRIPPLITE-APSINT3636VR Datasheet
495Kb / 4P
PowerVerter APS INT 3600W 36VDC 230V
APSX750 TRIPPLITE-APSX750 Datasheet
515Kb / 4P
PowerVerter APS X 750W 12VDC 230V
APSX1012SW TRIPPLITE-APSX1012SW Datasheet
551Kb / 3P
PowerVerter APS INT 1000W 12VDC 230V Inverter/Charger with Pure Sine Wave Output, Hardwired
APSX2012SW TRIPPLITE-APSX2012SW Datasheet
544Kb / 3P
PowerVerter APS INT 2000W 12VDC 230V
PV200CUSB TRIPPLITE-PV200CUSB Datasheet
176Kb / 3P
200W PowerVerter Ultra-Compact Car Inverter with 2 Outlets and 2 USB Charging Ports, Cup Holder Design
PV1800GFCI TRIPPLITE-PV1800GFCI Datasheet
170Kb / 3P
1800W PowerVerter Compact Inverter with 2 GFCI Outlets
PV3000HF TRIPPLITE-PV3000HF Datasheet
167Kb / 3P
3000W PowerVerter Compact Inverter for Trucks with 4 Outlets
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com