Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR42UBEXP Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SR42UBEXP
Description  42U SmartRack Expandable Standard-Depth Server Rack Enclosure Cabinet - side panels not included
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SR42UBEXP Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SR42UBEXP Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SR42UBEXP Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SR42UBEXP Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
42U SmartRack Expandable Standard-Depth Server
Rack Enclosure Cabinet - side panels not included
MODEL NUMBER: SR42UBEXP
Description
The SR42UBEXP is an expansion model used when several cabinets are bayed together. It has doors and a
roof but no side panels. Its integrated baying tabs make it easy to combine multiple enclosures in rows fro data
center application. The SR42UBEXP is also compatible with hot aisle/cold aisle configurations.
The SR42UBEXP houses 3000lbs of standard 19-inch rack equipment in 42U. Offers vendor-neutral square hole/cage nut mounting for guaranteed
compatibility with all EIA-310-E compliant 19" equipment. Its front and rear pairs of vertical rails are adjustable in quarter-inch increments from 4 to 37 inches.
Adjustment is quick and an easy-view depth index ensures consistent rail placement without requiring time-consuming measurements. Each rack space within
the enclosure is numbered for ready reference. Two of these adjustable vertical mounting rails support toolless button-mount 0U installation of up to four
compatible PDUs and cable managers. This feature makes it easier to route cabling to rack equipment and reduces cord clutter.
The top panel of the SR42UBEXP is vented to help remove warm air from the enclosure and draw in cool air by convection. The top panel includes ports for
cable routing, and can be quickly removed without tools. To facilitate cable access, the SR42UBEXP is open-bottom.
All components of the SR42UBEXP are grounded to the enclosure frame. Front and rear threaded grounding points are provided for connection to the facility
earth ground. The removable front and rear doors feature quick-release ground wires.
To simplify deployment, the SR42UBEXP comes with preinstalled casters that enable it to be easily maneuvered into the desired location, where it can be
secured by adjusting the preinstalled levelers. Note: the casters are intended for minor position adjustments and are not designed for moving the enclosure
over long distances.
Features
Ships fully assembled for rapid deployment and roll into place on heavy-duty pre-installed casters (casters are removable)
Front and rear sets of equipment mounting rails adjust in 1/4" increments. Adjustment is quick and convenient. The easy-view depth index ensures
consistent rail placement without requiring time-consuming measurements.
Toolless accessory mounting rails (2 rails per enclosure) include slots for quick installation of compatible PDUs and vertical cable managers. Mounting
slots are arranged in an industry-standard pattern compatible with a wide variety of accessories. Each rail can accommodate two vertical PDUs or cable
Highlights
42U SmartRack enclosure with
doors and NO side panels. 'EXP'
version is an expansion model
for when several cabinets are
bayed together
4 interior vertical posts with
unthreaded square hole openings
Standard 24" (600mm) width and
42" (1050mm) depth for
optimizing floor space
Ships fully assembled
Massive front to rear ventilation
capacity
3000 lb stationary / 2250 lb rolling
load capacity
Locking, removable, reversible
front and rear doors
Rolls through standard 7 foot
doorway
1 / 3


Similar Part No. - SR42UBEXP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR42UBEXPND TRIPPLITE-SR42UBEXPND Datasheet
163Kb / 3P
SmartRack 42U Standard-Depth 4-Post Premium Open Frame Rack
SR42UBEXPNDNR3 TRIPPLITE-SR42UBEXPNDNR3 Datasheet
486Kb / 3P
42U SmartRack 4-Post Premium Open Frame Rack - no sides, doors or roof
More results

Similar Description - SR42UBEXP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR25UBEXP TRIPPLITE-SR25UBEXP Datasheet
497Kb / 3P
25U SmartRack Standard-Depth Rack Enclosure Cabinet, Expansion Version - side panels not included
SR42UB TRIPPLITE-SR42UB Datasheet
511Kb / 3P
42U SmartRack Standard-Depth Server Rack Enclosure Cabinet with doors and side panels
SR42UBMDEXP TRIPPLITE-SR42UBMDEXP Datasheet
488Kb / 3P
42U SmartRack Mid-Depth Expansion Rack - side panels not included
SR42UWEXP TRIPPLITE-SR42UWEXP Datasheet
522Kb / 3P
42U SmartRack White Standard-Depth Rack Enclosure - side panels not included
SR45UBEXP TRIPPLITE-SR45UBEXP Datasheet
484Kb / 3P
45U SmartRack Standard-Depth Rack Enclosure Cabinet - side panels not included
SR48UBEXP TRIPPLITE-SR48UBEXP Datasheet
481Kb / 3P
48U SmartRack Standard-Depth Rack Enclosure Cabinet - side panels not included
SRX42UB TRIPPLITE-SRX42UB Datasheet
165Kb / 3P
42U Server Rack, Euro-Series ??Expandable Cabinet, Standard Depth, Doors & Side Panels Included
SRX42UBDPEXP TRIPPLITE-SRX42UBDPEXP Datasheet
171Kb / 3P
42U Deep Server Rack, Euro-Series - 1200 mm Depth, Expandable Cabinet, Side Panels Not Included
SRX47UBEXP TRIPPLITE-SRX47UBEXP Datasheet
172Kb / 3P
47U Server Rack, Euro-Series - Expandable Cabinet, Standard Depth, Side Panels Not Included
SRX42UBEXP TRIPPLITE-SRX42UBEXP Datasheet
173Kb / 3P
42U Server Rack, Euro-Series - Expandable Cabinet, Standard Depth, Side Panels Not Included
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com