Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD63 Datasheet(PDF) 56 Page - NEC

Part # UPD63
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD63 Datasheet(HTML) 56 Page - NEC

Back Button UPD63 Datasheet HTML 52Page - NEC UPD63 Datasheet HTML 53Page - NEC UPD63 Datasheet HTML 54Page - NEC UPD63 Datasheet HTML 55Page - NEC UPD63 Datasheet HTML 56Page - NEC UPD63 Datasheet HTML 57Page - NEC UPD63 Datasheet HTML 58Page - NEC UPD63 Datasheet HTML 59Page - NEC UPD63 Datasheet HTML 60Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 68 page
background image
56
µPD63, 63A, 64
14. PACKAGE DRAWINGS
Remark The dimensions and materials of the ES model are the same as those of the mass production model.
20 PIN PLASTIC SOP (300 mil)
ITEM
MILLIMETERS
INCHES
A
B
C
E
F
G
H
J
12.7±0.3
1.27 (T.P.)
1.8 MAX.
1.55±0.05
7.7±0.3
0.78 MAX.
0.12
1.1
M
0.1±0.1
N
0.500±0.012
0.031 MAX.
0.004±0.004
0.071 MAX.
0.061±0.002
0.303±0.012
0.043
0.005
0.050 (T.P.)
P20GM-50-300B, C-5
P3
°
3
°
+7
°
NOTE
Each lead centerline is located within 0.12 mm (0.005 inch) of
its true position (T.P.) at maximum material condition.
D
0.42
0.017
+0.08
–0.07
K
0.22
0.009
+0.08
–0.07
L
0.6±0.2
0.024
0.10
–3
°
+7
°
–3
°
0.004
+0.008
–0.009
+0.003
–0.004
+0.003
–0.004
detail of lead end
M
110
11
20
I
5.6±0.2
0.220 +0.009
–0.008
A
B
H
K
M
L
P
J
I
G
C
D
E
F
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com