Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR45UBDP Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SR45UBDP
Description  45U SmartRack Deep Rack Enclosure Cabinet with doors and side panels
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SR45UBDP Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SR45UBDP Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SR45UBDP Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SR45UBDP Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
45U SmartRack Deep Rack Enclosure Cabinet with
doors & side panels
MODEL NUMBER: SR45UBDP
Description
The SR45UBDP is a DEEP version of our standard 45U SmartRack. This enclosure is 1200mm deep (48")
compared to the standard 1050mm deep (42"). This extra depth allows for high density equipment installations. It
allows extra space for moving the cable management back as well as providing space for mounted equipment
that has hot-swap, removable power supplies out the back of the enclosure.
The SR45UBDP features a massive front-to rear-ventilation capacity that meets or exceeds server manufacturer
requirements. Its integrated baying tabs make it easy to combine multiple enclosures in rows for data center
applications. This enclosure is also compatible with hot-aisle/cold-aisle configurations.
With its locking, reversible, removable front and rear doors, and locking, removable side panels, the SR45UBDP
provides ultimate equipment safety. The side panels are half size for ease of removal and reinstallation. The split
rear door design allows the enclosure to be placed closer to a wall. The SR45UBDP meets all requirements toward PCI DSS compliance.
The top panel of the SR45UBDP is vented to help remove warm air from the enclosure and draw in cool air by convection. The top panel includes ports for
cable routing, and can be quickly removed without tools. To facilitate cable access, the SR45UBDP is open-bottom.
All components of the SR45UBDP are grounded to the enclosure frame. Front and rear threaded grounding points are provided for connection to the facility
earth ground. The removable front and rear doors feature quick-release ground wires.
It houses 3000 lb of standard 19-inch rack equipment in 45U. To simplify deployment, the SR45UBDP comes with preinstalled casters that enable it to be
easily maneuvered into the desired location, where it can be secured by adjusting the preinstalled levelers. Note: the casters are intended for minor position
adjustments and are not designed for moving the enclosure over long distances.
The SR45UBDP comes with a 5-year product warranty. As part of the SmartRack family, the SR45UBDP is compatible with Tripp Lite’s extensive range of
rackmount accessories, enabling you to customize your solution to meet any requirement.
Highlights
Standard 24" (600mm) width for
optimizing floor space
48" (1200mm) depth for extra
space need for mounting deep
equipment
Ships fully assembled
3000 lb stationary / 2250 lb rolling
load capacity
Locking, removable, reversible
front and rear doors; Locking,
removable side panels keyed
alike with doors
Pre-installed casters and leveling
feet
Meets all enclosure requirements
towards PCI DSS (Payment Card
Industry Data Security Standard)
Compliance
Package Includes
SR45UBDP Rack Enclosure
(4) Side panels
(4) Side panel locks
(2) Door & side panel keys
(50) M6 screws
(50) M6 cage nuts
(50) M6 washers
Owner's Manual
1 / 3


Similar Part No. - SR45UBDP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR45UBDP48 TRIPPLITE-SR45UBDP48 Datasheet
165Kb / 3P
45U Extra-Deep Server Rack - 48 in. (1219 mm) Depth, Doors & Side Panels Included
SR45UBDPWD TRIPPLITE-SR45UBDPWD Datasheet
522Kb / 3P
45U SmartRack Deep and Wide Rack Enclosure Cabinet with doors and side panels
More results

Similar Description - SR45UBDP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR42UBDP TRIPPLITE-SR42UBDP Datasheet
518Kb / 3P
42U SmartRack Deep Rack Enclosure Cabinet with doors and side panels
SR42UBDPWD TRIPPLITE-SR42UBDPWD Datasheet
518Kb / 3P
42U SmartRack Deep and Wide Rack Enclosure Cabinet with doors and side panels
SR42UBSD TRIPPLITE-SR42UBSD Datasheet
515Kb / 4P
42U SmartRack Shallow-Depth Rack Enclosure Cabinet with doors and side panels
SR45UB TRIPPLITE-SR45UB Datasheet
513Kb / 4P
45U SmartRack Standard-Depth Server Rack Enclosure Cabinet with doors and side panels
SR45UBDPWD TRIPPLITE-SR45UBDPWD Datasheet
522Kb / 3P
45U SmartRack Deep and Wide Rack Enclosure Cabinet with doors and side panels
SR45UBMD TRIPPLITE-SR45UBMD Datasheet
515Kb / 4P
45U SmartRack Mid-Depth Rack Enclosure Cabinet with doors and side panels
SR45UBSD TRIPPLITE-SR45UBSD Datasheet
514Kb / 3P
45U SmartRack Shallow-Depth Rack Enclosure Cabinet with doors and side panels
SR48UB TRIPPLITE-SR48UB Datasheet
482Kb / 3P
48U SmartRack Standard-Depth Rack Enclosure Cabinet with doors and side panels
SR48UBDPWD TRIPPLITE-SR48UBDPWD Datasheet
521Kb / 3P
48U SmartRack Deep and Wide Rack Enclosure Cabinet with doors and side panels
SR45UBWD TRIPPLITE-SR45UBWD Datasheet
170Kb / 4P
45U SmartRack Wide Standard-Depth Rack Enclosure Cabinet with doors & side panels
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com