Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR45UBDPWD Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # SR45UBDPWD
Description  45U SmartRack Deep and Wide Rack Enclosure Cabinet with doors and side panels
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SR45UBDPWD Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  SR45UBDPWD Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SR45UBDPWD Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SR45UBDPWD Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Shipping Dimensions (hwd / in.)
90.25 x 32 x 52.75
Shipping Dimensions (hwd / cm)
229.23 x 81.28 x 133.98
Shipping Weight (lbs.)
420
Shipping Weight (kg)
191
Unit Dimensions (hwd / in.)
83.75 x 29.53 x 47.25
Unit Dimensions (hwd / cm)
212.725 x 75.01 x 120.01
Unit Weight (lbs.)
370
Unit Weight (kg)
168
Unit Dimensions (cm)
212.72 x 75.1 x 120
Color
Black
Weight Capacity - Stationary (lbs.)
3000
Weight Capacity - Rolling (lbs.)
2250
Weight Capacity - Stationary (kg)
1360.8
Weight Capacity - Rolling (kg)
1020.6
Factory Preset Rack Depth (in.)
28.125
Factory Preset Rack Depth (cm)
71.44
Hinged (Swings Away from Wall
Bracket)
No
SPECIAL FEATURES
Grounding Lug
Front and Back door frames
Seismic Rack
No
CERTIFICATIONS
Certifications
UL60950; RoHS; CE
NOM (Mexico)
Tested to NOM (Mexico)
Approvals
EAI/EAC-310-E
WARRANTY
Product Warranty Period (Worldwide)
5-year limited warranty
© 2015 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
3 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com