Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR45UBEXP Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SR45UBEXP
Description  45U SmartRack Standard-Depth Rack Enclosure Cabinet - side panels not included
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SR45UBEXP Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SR45UBEXP Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SR45UBEXP Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SR45UBEXP Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
45U SmartRack Standard-Depth Rack Enclosure
Cabinet - side panels not included
MODEL NUMBER: SR45UBEXP
Description
The SR45UBEXP is an expansion model used when several cabinets are bayed together. It has doors and a
roof but no side panels. Its integrated baying tabs make it easy to combine multiple enclosures in rows fro data
center application. The SR45UBEXP is also compatible with hot aisle/cold aisle configurations.
The SR45UBEXP houses 3000lbs of standard 19-inch rack equipment in 45U. Offers vendor-neutral square
hole/cage nut mounting for guaranteed compatibility with all EIA-310-E compliant 19" equipment. Its front and
rear pairs of vertical rails are adjustable in quarter-inch increments from 4 to 37 inches. Adjustment is quick and
an easy-view depth index ensures consistent rail placement without requiring time-consuming measurements.
Each rack space within the enclosure is numbered for ready reference. Two of these adjustable vertical mounting rails support toolless button-mount 0U
installation of up to four compatible PDUs and cable managers. This feature makes it easier to route cabling to rack equipment and reduces cord clutter.
The top panel of the SR45UBEXP is vented to help remove warm air from the enclosure and draw in cool air by convection. The top panel includes ports for
cable routing, and can be quickly removed without tools. To facilitate cable access, the SR45UBEXP is open-bottom.
All components of the SR45UBEXP are grounded to the enclosure frame. Front and rear threaded grounding points are provided for connection to the facility
earth ground. The removable front and rear doors feature quick-release ground wires.
To simplify deployment, the SR45UBEXP comes with preinstalled casters that enable it to be easily maneuvered into the desired location, where it can be
secured by adjusting the preinstalled levelers. Note: the casters are intended for minor position adjustments and are not designed for moving the enclosure
over long distances.
The SR45UBEXP comes with a 5-year product warranty. As part of the SmartRack family, the SR45UBEXP is compatible with Tripp Lite's extensive range of
rackmount accessories, enabling you to customize your solution to meet any requirement.
Features
Ships fully assembled for rapid deployment and roll into place on heavy-duty pre-installed casters (casters are removable)
Highlights
45U SmartRack enclosure with
doors and NO side panels. 'EXP'
version is an expansion model
for when several cabinets are
bayed together
4 interior vertical posts with
unthreaded square hole openings
Standard 24" (600mm) width and
42" (1050mm) depth for
optimizing floor space
Ships fully assembled
Massive front to rear ventilation
capacity
3000 lb stationary / 2250 lb rolling
load capacity
Locking, removable, reversible
front and rear doors
Package Includes
SR45UBEXP
(2) Door keys
(50) M6 screws
(50) M6 cage nuts
(50) M6 washers
Owner's Manual
1 / 3


Similar Part No. - SR45UBEXP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR45UBEXPND TRIPPLITE-SR45UBEXPND Datasheet
485Kb / 3P
45U SmartRack 4-Post Premium Open Frame Rack
SR45UBEXPNDNR3 TRIPPLITE-SR45UBEXPNDNR3 Datasheet
486Kb / 3P
45U SmartRack 4-Post Premium Open Frame Rack - no sides, doors or roof
More results

Similar Description - SR45UBEXP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR25UBEXP TRIPPLITE-SR25UBEXP Datasheet
497Kb / 3P
25U SmartRack Standard-Depth Rack Enclosure Cabinet, Expansion Version - side panels not included
SR42UBEXP TRIPPLITE-SR42UBEXP Datasheet
485Kb / 3P
42U SmartRack Expandable Standard-Depth Server Rack Enclosure Cabinet - side panels not included
SR42UWEXP TRIPPLITE-SR42UWEXP Datasheet
522Kb / 3P
42U SmartRack White Standard-Depth Rack Enclosure - side panels not included
SR45UB TRIPPLITE-SR45UB Datasheet
513Kb / 4P
45U SmartRack Standard-Depth Server Rack Enclosure Cabinet with doors and side panels
SR45UBMD TRIPPLITE-SR45UBMD Datasheet
515Kb / 4P
45U SmartRack Mid-Depth Rack Enclosure Cabinet with doors and side panels
SR45UBSD TRIPPLITE-SR45UBSD Datasheet
514Kb / 3P
45U SmartRack Shallow-Depth Rack Enclosure Cabinet with doors and side panels
SR45UBSP1 TRIPPLITE-SR45UBSP1 Datasheet
513Kb / 4P
45U SmartRack Standard-Depth Rack Enclosure
SR45UBWDSP1 TRIPPLITE-SR45UBWDSP1 Datasheet
524Kb / 3P
45U SmartRack Standard-Depth Rack Enclosure
SR48UBEXP TRIPPLITE-SR48UBEXP Datasheet
481Kb / 3P
48U SmartRack Standard-Depth Rack Enclosure Cabinet - side panels not included
SR45UBWD TRIPPLITE-SR45UBWD Datasheet
170Kb / 4P
45U SmartRack Wide Standard-Depth Rack Enclosure Cabinet with doors & side panels
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com