Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3850 Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # 3850
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3850 Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button 3850 Datasheet HTML 87Page - Renesas Technology Corp 3850 Datasheet HTML 88Page - Renesas Technology Corp 3850 Datasheet HTML 89Page - Renesas Technology Corp 3850 Datasheet HTML 90Page - Renesas Technology Corp 3850 Datasheet HTML 91Page - Renesas Technology Corp 3850 Datasheet HTML 92Page - Renesas Technology Corp 3850 Datasheet HTML 93Page - Renesas Technology Corp 3850 Datasheet HTML 94Page - Renesas Technology Corp 3850 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 103 page
background image
Rev.3.01
2003.06.20
page 89 of 98
3850 Group (Spec.H)
A-D converter characteristics
Table 32 A-D converter characteristics (spec. H)
(VCC = 2.7 to 5.5 V, VSS = AVSS = 0 V, Ta = –20 to 85
°C, f(XIN) = 8 MHz, unless otherwise noted)
bit
LSB
2tc(XIN)
µs
k
Ω
µA
µA
Resolution
Absolute accuracy (excluding quantization error)
Conversion time
Ladder resistor
Reference power source input current
A-D port input current
Min.
50
Typ.
40
35
150
0.5
Max.
10
±4
61
200
5.0
5.0
High-speed mode,
Middle-speed mode
Low-speed mode
VREF = 5.0 V
Unit
Limits
Parameter
–
–
tCONV
RLADDER
IVREF
II(AD)
Test conditions
Symbol
VREF “on”
VREF “off”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com