Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1069 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN1069
Description  This application note is to help developers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1069 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN1069 Datasheet HTML 4Page - STMicroelectronics AN1069 Datasheet HTML 5Page - STMicroelectronics AN1069 Datasheet HTML 6Page - STMicroelectronics AN1069 Datasheet HTML 7Page - STMicroelectronics AN1069 Datasheet HTML 8Page - STMicroelectronics AN1069 Datasheet HTML 9Page - STMicroelectronics AN1069 Datasheet HTML 10Page - STMicroelectronics AN1069 Datasheet HTML 11Page - STMicroelectronics AN1069 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8/14
ADDRESSING UP TO 4 MBYTES OF EXTERNAL MEMORY
3.3.2 Example Using a ROMless microcontroller
If we use a ROMLESS ST90158 device (which has no internal ROM), we cannot use internal
memory as a Static Segment, therefore we have to create an external Static Segment. An ex-
ample of the hardware implementation is given in Figure 9.. The external memory capability is
divided into 2 parts, the Static segments and the Dynamic segments. In this example, A15 is
used to select either Static or Dynamic segments. As a consequence of this, the Static and
Dynamic Segments are 32K bytes in size so we can access only 32k of external memory in
each segment. If you compare the address of the external memory described in Figure 9. and
the address of the ST9 described in Figure 10., you can see the difference starts from the 16th
bit of the address.
Like in ST90158 OTP devices, Segments 20, 21, 22 of external memory cannot be accessed.
The total accessible memory is:
2M (64 Kbytes x 64 segments)
-3 x 32K (internal segment)
+32K (static page)
+1K (internal RAM)
=1920K bytes
Figure 10. shows the memory map with segments containing 32K of memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com