Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1229 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1229
Description  SD2932 RF MOSFET for 300 W FM amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1229 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1229 Datasheet HTML 1Page - STMicroelectronics AN1229 Datasheet HTML 2Page - STMicroelectronics AN1229 Datasheet HTML 3Page - STMicroelectronics AN1229 Datasheet HTML 4Page - STMicroelectronics AN1229 Datasheet HTML 5Page - STMicroelectronics AN1229 Datasheet HTML 6Page - STMicroelectronics AN1229 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
July 2007
Rev 3
1/7
AN1229
Application note
SD2932 RF MOSFET for 300 W FM amplifier
Introduction
This application note gives a description of a broadband power amplifier operating over the
frequency range 88 - 108 MHz using the new STMicroelectronics RF MOSFET transistor
SD2932.
Table 1.
Typical achievable performances
Parameter
Performance
Device
1 X SD2932
Frequency
88-108 MHz
Vdd
50 V
Idq
200 mA
Pout
300 W
Gain
>19 dB
Input return loss
< -11 dB
Drain efficiency
>70%
www.st.com


Similar Part No. - AN1229

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1220 STMICROELECTRONICS-AN1220 Datasheet
248Kb / 13P
LINECARD PROTECTION BY OVERVOLTAGE AND OVERCURRENT WITH A CLP270M
Jan-2000
AN1224 STMICROELECTRONICS-AN1224 Datasheet
106Kb / 10P
Evaluation board using SD57045 LDMOS RF transistor for FM broadcast application
26-Oct-2007
AN1228 STMICROELECTRONICS-AN1228 Datasheet
87Kb / 6P
How to relate LMOS device parameters to RF performance
31-Jul-2007
More results

Similar Description - AN1229

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
S-AU82AH TOSHIBA-S-AU82AH Datasheet
186Kb / 5P
RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 60-W COMMERCIAL UHF RADIO APPLICATIONS
S-AU82AL TOSHIBA-S-AU82AL Datasheet
186Kb / 5P
RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 60-W COMMERCIAL UHF RADIO APPLICATIONS
S-AU82AVL TOSHIBA-S-AU82AVL Datasheet
186Kb / 5P
RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 60-W COMMERCIAL UHF RADIO APPLICATIONS
S-AU83AH TOSHIBA-S-AU83AH Datasheet
186Kb / 5P
RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 32-W COMMERCIAL UHF RADIO APPLICATIONS
S-AU83AL TOSHIBA-S-AU83AL Datasheet
186Kb / 5P
RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 32-W COMMERCIAL UHF RADIO APPLICATIONS
S-AU93A TOSHIBA-S-AU93A Datasheet
186Kb / 5P
RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 60-W COMMERCIAL UHF RADIO APPLICATIONS
S-AV32A TOSHIBA-S-AV32A Datasheet
186Kb / 5P
RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 60-W COMMERCIAL VHF RADIO APPLICATIONS
S-AV35A TOSHIBA-S-AV35A Datasheet
179Kb / 5P
RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 32-W COMMERCIAL VHF RADIO APPLICATIONS
S-AV36A TOSHIBA-S-AV36A Datasheet
186Kb / 5P
RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 80-W COMMERCIAL VHF RADIO APPLICATIONS
S-AV37A TOSHIBA-S-AV37A Datasheet
179Kb / 5P
RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 32-W COMMERCIAL VHF RADIO APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com