Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1284 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1284
Description  A Li-Ion BATTERY CHARGER USING TSM102A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1284 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1284 Datasheet HTML 1Page - STMicroelectronics AN1284 Datasheet HTML 2Page - STMicroelectronics AN1284 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
This application note explains how to use the
TSM102 in an SMPS-type battery charger which
features :
u Voltage Control
u Current Control
u Low Battery Detection and End Of Charg
Detection
1 - TSM102 PRESENTATION
The TSM102 integrated circuit includes two Oper-
ational Amplifiers, two Comparators and one ad-
justable precision Voltage Reference (2.5V to
36V, 0.4% or 1%).
TSM102 can sustain up to 36V power supply volt-
age.
Figure 1 : TSM102 Pinout
2 - APPLICATION CONTEXT AND PRINCIPLE
OF OPERATION
In the battery charging field which requires ever in-
creasing performances in more and more reduced
space, the TSM102A provides an attractive solu-
tion in terms of PCB area saving, precision and
versatility.
Figure 2 shows the secondary side of a battery
charger (SMPS type) where TSM102A is used in
optimised conditions : the two Operational Amplifi-
ers perform current and voltage control, the two
Comparators provide “End of Charge” and “Low
Battery” signals and the Voltage Reference en-
sures precise reference for all measurements.
The TSM102A is supplied by an auxiliary power
supply (forward configuration - D7) regulated by a
bipolar transistor and a zener diode on its base
(Q2 and DZ), and smoothed by the capacitors C3
and C4. R15 polarizes the base of the transistor
and at the same time limits the current through the
zener diode during regulation mode of the auxilia-
ry power supply.
The current and voltage regulations are made
thanks to the two Operational Amplifiers.
The first amplifier senses the current flow through
the sense resistor Rs and compares it with a part
of the reference voltage (resistor bridge R7, R8,
R9). The second amplifier compares the reference
voltage with a part of the charger’s output (resistor
bridge R1, R2, R3).
When either of these two operational amplifiers
tends to lower its ouput, this linear information is
propagated towards the primary side via two OR-
ing diodes (D1, D2) and an optocoupler (D3). The
compensation loops of these regulation functions
are ensured by the capacitors C1 and C2.
1
2
3
14
15
16
5
6
7
12
11
10
V
CC+
Vref
Cathode
V
CC-
COMP
COMP
TSM102
AN1284
APPLICATION NOTE
A Li-Ion BATTERY CHARGER USING TSM102A
July 2000
by R. LIOU


Similar Part No. - AN1284

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1280 STMICROELECTRONICS-AN1280 Datasheet
86Kb / 8P
ELECTRONIC CIRCUIT BREAKER
May-2000
AN1281 STMICROELECTRONICS-AN1281 Datasheet
47Kb / 3P
TS613 AS DRIVER FOR ADSL LINE INTERFACES
Jun-2000
logo
Panasonic Semiconductor
AN1281SSM PANASONIC-AN1281SSM Datasheet
55Kb / 2P
Ripple Filter IC
logo
STMicroelectronics
AN1282 STMICROELECTRONICS-AN1282 Datasheet
179Kb / 2P
PREAMPLIFIER AND SPEAKER DRIVER USING TS925
Jun-2000
AN1283 STMICROELECTRONICS-AN1283 Datasheet
324Kb / 7P
A BATTERY CHARGER USING TSM101
May-2001
More results

Similar Description - AN1284

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX2203 MICROSEMI-LX2203 Datasheet
187Kb / 11P
Li-Ion Battery Charger
LX2203A MICROSEMI-LX2203A Datasheet
183Kb / 11P
Li-Ion Battery Charger
logo
Kingbor Technology Co
KB4054 KINGBOR-KB4054 Datasheet
142Kb / 15P
Li-Ion Battery Charger
KB4540 KINGBOR-KB4540 Datasheet
151Kb / 15P
Li-Ion Battery Charger
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
Li-ion Battery Charger
May 16, 2007
ISL9205IRZ INTERSIL-ISL9205IRZ Datasheet
515Kb / 14P
Li-ion Battery Charger
July 28, 2010
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205 Datasheet
828Kb / 17P
Li-ion Battery Charger
ISL9205 RENESAS-ISL9205_V01 Datasheet
788Kb / 17P
Li-ion Battery Charger
Dec 20, 2018
logo
Hotchip Technology Co.,...
HT4906 HOTCHIP-HT4906 Datasheet
579Kb / 11P
Li-ion Battery Charger
Ver1.0
HT4921 HOTCHIP-HT4921 Datasheet
434Kb / 7P
Li-ion Battery Charger
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com