Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1296 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1296
Description  Ring wave tests with ACS108 driving valves and pumps
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1296 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1296 Datasheet HTML 1Page - STMicroelectronics AN1296 Datasheet HTML 2Page - STMicroelectronics AN1296 Datasheet HTML 3Page - STMicroelectronics AN1296 Datasheet HTML 4Page - STMicroelectronics AN1296 Datasheet HTML 5Page - STMicroelectronics AN1296 Datasheet HTML 6Page - STMicroelectronics AN1296 Datasheet HTML 7Page - STMicroelectronics AN1296 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
June 2010
Doc ID 8159 Rev 3
1/8
AN1296
Application note
Ring wave tests with ACS108 driving valves and pumps
Introduction
In this application note, test results obtained using ACS108 AC switch devices are
presented in order to analyze their behavior when subjected to standard ring wave surges.
The behavior of these devices subjected to a 1.2/50 µs impulse wave is specified in the
datasheets.
The test procedure is described in the UL858A standard. The only difference with the tests
below is that the normalized waveform is applied directly to the semiconductor and the load
(refer to Figure 1).
No coupling network is used to apply the surges while the system is connected to the mains
terminals. The only stress is due to the breakover turn-on current. The current conduction
during half mains cycle is not an issue.
The ACSs are not triggered by their gate - they turn on by over voltage when the generator
voltage exceeds their clamping level. The surge is then applied across the load and the load
current flows through the ACS™ which is in the on state.
Figure 1.
Test diagram
All the following oscillograms have been produced using the equipment listed below:
●
Tektronix TDS754A scope
●
Tektronix voltage P6013A probe (1/1000 ratio)
●
Eurocraft pulse current transformer (1 V /10 A ratio)Tektronix TCP202 current probe
TM: ACS is a trademark of STMicroelectronics
OUT
G
COM
Integrated
driver
Over voltage
protection
( Trisil™-like)
AC power
switch
Ringwave
generator
RG = 150
W
IOUT
Load
TM: Trisil is a trademark of STMicroelectronics
www.st.com


Similar Part No. - AN1296

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN12969A PANASONIC-AN12969A Datasheet
561Kb / 31P
I2C bus control compatible AGC built-in stereo BTL amplifier IC
More results

Similar Description - AN1296

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4307-A ETC2-4307-A Datasheet
265Kb / 4P
STANDARD VALVES
4019-A ETC2-4019-A Datasheet
147Kb / 4P
VALVES TRIODES
logo
Ralston Instruments.
HPGV RALSTON-HPGV Datasheet
541Kb / 1P
Hydraulic Hand Pumps with Gauge Connection
logo
Global Mixed-mode Techn...
G5535 GMT-G5535 Datasheet
558Kb / 1P
Charge-Pumps and High-Current OP
logo
Varitronix internationa...
VI-201-DP-FC-S VARITRONIX-VI-201-DP-FC-S Datasheet
99Kb / 1P
Typical Environmental Tests & Mechanical Tests For LCD
logo
STMicroelectronics
AN2036 STMICROELECTRONICS-AN2036 Datasheet
261Kb / 7P
Solderability Tests
08-Nov-2004
logo
AVX Corporation
00-9286 AVX-00-9286 Datasheet
529Kb / 5P
Industrial/Machine Control; motors, solenoids, PLC?셲, pumps, valves, sensors, fans?
logo
Cynergy3 Co
SOL1A1 CYNERGY3-SOL1A1 Datasheet
176Kb / 2P
Industrial Solenoid Valves
logo
Pentair plc. All rights...
ME40 PENTAIR-ME40 Datasheet
215Kb / 4P
EFFLUENT AND DRAIN WATER PUMPS
logo
Toshiba Semiconductor
TC78B004AFTG TOSHIBA-TC78B004AFTG Datasheet
1Mb / 34P
3-phase Full-wave Sine-wave PWM driving Brushless Motor Controller with Speed Control Function
2019-01-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com