Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1325 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1325
Description  This application note describes
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1325 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1325 Datasheet HTML 1Page - STMicroelectronics AN1325 Datasheet HTML 2Page - STMicroelectronics AN1325 Datasheet HTML 3Page - STMicroelectronics AN1325 Datasheet HTML 4Page - STMicroelectronics AN1325 Datasheet HTML 5Page - STMicroelectronics AN1325 Datasheet HTML 6Page - STMicroelectronics AN1325 Datasheet HTML 7Page - STMicroelectronics AN1325 Datasheet HTML 8Page - STMicroelectronics AN1325 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AN1325
/0203
1/15
AN1325
APPLICATION NOTE
USING THE ST7 USB LOW-SPEED LIBRARY V4.2x
by Microcontroller Division Applications
This application note describes how to use the ST7 USB Low-Speed Library V4.2x. Starting
from version 4.20 the Library supports the DFU class layer.
Caution: The DFU class and the HID class layers are not included in the Library. The Library
contains only the standard USB request layers. You will find the DFU and HID layers in the
ST7 USB Low-Speed DFU EvalKit firmware.
Note: In this document the names “Hiware” and “MetroWerks” refer to the same compiler
manufacturer.
1 OVERVIEW
The ST7 USB Low-Speed Firmware Library is written in C language and is compatible with
both Cosmic and Metrowerks compilers.
This Library provides a complete USB protocol layer for the ST7 USB Low-Speed microcon-
trollers (such as the ST7261, ST7262, ST7263 and ST7263B). The source code is available
free to STMicroelectronics customers.
This Library is supplied in a ZIP file. Starting from version 4.10, the Library contains only the
files that are common for all the projects. This new architecture has been choosen in order to
better separate what is really the Library and what is related to a project. This architecture will
also facilitate the upgrade of different projects with new Library versions in the future.
1


Similar Part No. - AN1325

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1320 STMICROELECTRONICS-AN1320 Datasheet
164Kb / 20P
IN BALLAST APPLICATIONS
Dec-2000
logo
Panasonic Semiconductor
AN13206A PANASONIC-AN13206A Datasheet
165Kb / 8P
Video 75 W Driver IC built in Charge Pump Circuit
AN13208A PANASONIC-AN13208A Datasheet
459Kb / 17P
3-ch. video driver IC supporting HD with charge pump
logo
STMicroelectronics
AN1322 STMICROELECTRONICS-AN1322 Datasheet
121Kb / 9P
This application note provides information
REV.B
logo
Panasonic Semiconductor
AN1324 PANASONIC-AN1324 Datasheet
34Kb / 3P
Quadruple Operational Amplifiers
More results

Similar Description - AN1325

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2727 STMICROELECTRONICS-AN2727 Datasheet
99Kb / 6P
This application note describes
03-Jun-2008
AN3423 STMICROELECTRONICS-AN3423 Datasheet
93Kb / 13P
This application note describes the operations
18-Sep-2013
AN2511 STMICROELECTRONICS-AN2511 Datasheet
650Kb / 43P
This application note describes
25-Aug-2010
AN3089 STMICROELECTRONICS-AN3089 Datasheet
649Kb / 25P
This application note describes the characteristics
06-Oct-2014
AN3233 STMICROELECTRONICS-AN3233 Datasheet
2Mb / 35P
This application note describes the characteristics
13-Jan-2011
AN1471 STMICROELECTRONICS-AN1471 Datasheet
79Kb / 4P
This application note describes
09-Oct-2009
AN1603 STMICROELECTRONICS-AN1603 Datasheet
100Kb / 21P
This Application Note describes
AN1798 STMICROELECTRONICS-AN1798 Datasheet
182Kb / 16P
This application note describes
21-Nov-2007
AN3311 STMICROELECTRONICS-AN3311 Datasheet
2Mb / 58P
This application note describes
14-Dec-2010
AN4640 STMICROELECTRONICS-AN4640 Datasheet
397Kb / 19P
This application note describes how peripherals
19-Mar-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com