Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1474 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN1474
Description  ST92F150 AND ST92F120 PROBLEM RESOLUTION GUIDELINES
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1474 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN1474 Datasheet HTML 2Page - STMicroelectronics AN1474 Datasheet HTML 3Page - STMicroelectronics AN1474 Datasheet HTML 4Page - STMicroelectronics AN1474 Datasheet HTML 5Page - STMicroelectronics AN1474 Datasheet HTML 6Page - STMicroelectronics AN1474 Datasheet HTML 7Page - STMicroelectronics AN1474 Datasheet HTML 8Page - STMicroelectronics AN1474 Datasheet HTML 9Page - STMicroelectronics AN1474 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8/10
ST92F150 AND ST92F120 PROBLEM RESOLUTION GUIDELINES
Example :
MEMORY
{
FLASH0
: ORIGIN = 0x000000, LENGTH = 64K, MMU = IDPR0
FLASH1
: ORIGIN = 0x010000, LENGTH = 48K, MMU = IDPR1
FLASH2
: ORIGIN = 0x01c000, LENGTH =
8K
FLASH3
: ORIGIN = 0x01e000, LENGTH =
8K, MMU = IDPR2
RAM
: ORIGIN = 0x200000, LENGTH =
4K, MMU = IDPR3
EEPROM
: ORIGIN = 0x220000, LENGTH =
1K,
REGFILE (t) : ORIGIN =
0x00, LENGTH = 0xb0 /* Groups 0 to 0x0B */
}
SECTIONS
{
.initF3 :
{ resetf3.spp(.init) }
> FLASH3
.init :
{ *(.init) }
> FLASH0
.text :
{ *(.text) }
> FLASH0
.fini :
{ *(.fini) }
> FLASH0
Remark :
If the compact memory model is selected, the compiler will generate the following warning
message :
appli.u(.init): warning: code section not in the same segment as section `.initF3'
appli.u(.text): warning: code section not in the same segment as section `.initF3'
It is normal, because in the compact memory model, all the application code must be located
in the same 64Kbyte segment. But, since the added jump is the first instruction executed and
the only one in Segment F3, there is no impact on the execution of the application.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com