Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1526 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1526
Description  ST7FLITE0 QUICK REFERENCE NOTE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1526 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1526 Datasheet HTML 1Page - STMicroelectronics AN1526 Datasheet HTML 2Page - STMicroelectronics AN1526 Datasheet HTML 3Page - STMicroelectronics AN1526 Datasheet HTML 4Page - STMicroelectronics AN1526 Datasheet HTML 5Page - STMicroelectronics AN1526 Datasheet HTML 6Page - STMicroelectronics AN1526 Datasheet HTML 7Page - STMicroelectronics AN1526 Datasheet HTML 8Page - STMicroelectronics AN1526 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5/26
ST7FLITE0 QUICK REFERENCE NOTE
1.5 TRUE E2PROM DATA
The ST7FLITE09 contains an Electrically Erasable Programmable Read-Only Memory which
can be used as a non volatile back-up for storing data. It allows up to 300K Write/Erase cycles
at 25°C.
Main Features
- Up to 32 Bytes programmed in the same cycle
- mono-voltage EEPROM (charge pump)
- Chained erase and programming cycles
- Internal control of the global programming cycle duration
- WAIT mode management
- Read-out protection against piracy
Useful Tips:
ST7FLITE05: Emulate Data E2PROM with program area
For devices with no Data E2PROM, you can emulate Data EEPROM
with the XFlash Memory.
For more information, refer to:
AN1477: Emulated Data EEPROM with XFlash memory
1.6 SAFE PROTECTION AGAINST PIRACY ON DATA E2PROM AND FLASH
Data stored in the E2PROM memory, as well as the program memory, are protected against
read-out piracy. This is managed by the option bit “Read-out protection”. Removing this option
by erasing the option byte will cause the whole memory to be erased first.
Flash program memory can also be protected against re-write operation by option bit “Flash
Write protection”. When this option is selected, the program memory can never be erased or
programmed again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com