Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1633 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1633
Description  This application note describes how to implement
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1633 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1633 Datasheet HTML 1Page - STMicroelectronics AN1633 Datasheet HTML 2Page - STMicroelectronics AN1633 Datasheet HTML 3Page - STMicroelectronics AN1633 Datasheet HTML 4Page - STMicroelectronics AN1633 Datasheet HTML 5Page - STMicroelectronics AN1633 Datasheet HTML 6Page - STMicroelectronics AN1633 Datasheet HTML 7Page - STMicroelectronics AN1633 Datasheet HTML 8Page - STMicroelectronics AN1633 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
The first firmware application contains the USB Library, the DFU layer and the HDFlash driver.
This firmware application must be placed in Sector 0. It is executed only when the USB cable
is plugged-in. This firmware cannot be modified during the DFU process. When the Flash up-
grade is finished, the firmware in Sector 0 continues execution until the USB cable is removed.
The second firmware application is the main application. It must be placed in Sectors 1 or 2
because it is modified during the DFU process. This firmware is executed only when the USB
cable is not plugged into the board.
The DFU layer also allows you to upgrade only one sector. You can use this feature, for ex-
ample, to store common data or code for any firmware loaded in Sector 2.
2.2 USB CABLE DETECTION
The detection of the USB cable is made through an I/O port configured in Input mode. This
I/O is connected to the Vbus line on the USB connector. Detection can be done with interrupts
or by polling. In our example, the polling method is used. This detection must be performed by
both applications (main application and DFU).
Figure 2. Connecting an I/O Port to the Vbus line
+5V
USB connector
Vbus
USB Vcc
Vdd
Vss
I/O



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com