Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR4POST Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # SR4POST
Description  45U SmartRack 4-Post Open Frame Rack, 1000-lb
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SR4POST Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SR4POST Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SR4POST Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SR4POST Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PHYSICAL
Installed Whole System Maximum
Rack Depth (in.)
39.3
Installed Whole System Maximum
Rack Depth (cm)
99.82
Installed Whole System Minimum
Rack Depth (in.)
22.3
Installed Whole System Minimum
Rack Depth (cm)
56.642
Rack Height (U Spaces)
45
Shipping Dimensions (hwd / in.)
6 x 4 x 85
Shipping Dimensions (hwd / cm)
15.24 x 10.16 x 216
Shipping Weight (lbs.)
55
Shipping Weight (kg)
24.75
Unit Dimensions (hwd / in.)
84.3 x 20.2 x 22-39.3
Unit Dimensions (hwd / cm)
214.122 x 51.31 x 55.88 - 100
Unit Weight (lbs.)
54
Unit Weight (kg)
24.3
Unit Dimensions (cm)
214.12 x 51.3 x 55.9~99.1 (depth adjustable)
Color
Black
Weight Capacity - Stationary (lbs.)
1000
Weight Capacity - Stationary (kg)
453.6
Hinged (Swings Away from Wall
Bracket)
No
SPECIAL FEATURES
Grounding Lug
Includes screws, washers, and bolts to secure user-supplied grounding wire to front or back frames
Seismic Rack
No
CERTIFICATIONS
NOM (Mexico)
Tested to NOM (Mexico)
Approvals
EIA-310-D, IEC 60297-3-100, DIN 41494, RoHS
WARRANTY
Product Warranty Period (Worldwide)
5-year limited warranty
© 2015 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com