Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD64 Datasheet(PDF) 31 Page - NEC

Part # UPD64
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD64 Datasheet(HTML) 31 Page - NEC

Back Button UPD64 Datasheet HTML 27Page - NEC UPD64 Datasheet HTML 28Page - NEC UPD64 Datasheet HTML 29Page - NEC UPD64 Datasheet HTML 30Page - NEC UPD64 Datasheet HTML 31Page - NEC UPD64 Datasheet HTML 32Page - NEC UPD64 Datasheet HTML 33Page - NEC UPD64 Datasheet HTML 34Page - NEC UPD64 Datasheet HTML 35Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 68 page
background image
31
µPD63, 63A, 64
9.2 Circuit Symbol Description
A
: Accumulator
ASR
: Address Stack Register
addr
: Program memory address
CY
: Carry flag
data4
: 4-bit immediate data
data8
: 8-bit immediate data
data10
: 10-bit immediate data
F
: Status flag
PC
: Program Counter
Pn
: Port register pair (n = 0, 1, 3, 4)
P0n
: Port register (low-order 4 bits)
P1n
: Port register (high-order 4 bits)
ROMn
: Bit n of the program memory’s (n = 0-9)
Rn
: Register pair
R0n
: Data memory (General-purpose register; n = 0-F)
R1n
: Data memory (General-purpose register; n = 0-F)
SP
: Stack Pointer
T
: Timer register
T0
: Timer register (low-order 4 bits)
T1
: Timer register (high-order 4 bits)
(
×)
: Content addressed with
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com