Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3003 Datasheet(PDF) 12 Page - Linear Technology

Part # LT3003
Description  3-Channel LED Ballaster with PWM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3003 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT3003 Datasheet HTML 8Page - Linear Technology LT3003 Datasheet HTML 9Page - Linear Technology LT3003 Datasheet HTML 10Page - Linear Technology LT3003 Datasheet HTML 11Page - Linear Technology LT3003 Datasheet HTML 12Page - Linear Technology LT3003 Datasheet HTML 13Page - Linear Technology LT3003 Datasheet HTML 14Page - Linear Technology LT3003 Datasheet HTML 15Page - Linear Technology LT3003 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LT3003
12
3003fa
300mA Buck-Boost Mode LT3003 with the LT3477
LT3003
VIN
1
2
3
6
97
8
VMAX
PWM
7
6
D1
45
D3
LED1
LED1
LED2
LED3
VEE
GND
SHDN
OT1
OT2
LED2
LED3
ILED = 100mA
LED4
LED5
LED6
LED7
LED8
LED9 LED10 LED11 LED12
FBN
SHDN
SS
VC
LT3477
ISP1 ISN1
SW
GND
FBP
VREF
ISP2
ISN2
RT
VIN
IADJ1
IADJ2
10
µH
RSENSE
0.33
Ω
3.3
µF
50V
CER
D1: ZETEX ZLLS1000
D2: DIODES INC 1N4148
D3: PHILIPS PDZ9.1B
NMOS: ZETEX 2N7002
NMOS
D2
PWM
3003 TA04a
280k
10k
10nF
33nF
CER
VIN
8V TO 16V
33
µF
CER
1
µF
0V
5V
100Hz
6.81k
Efficiency
VIN (V)
6
68
70
72
74
76
80
8
10
12
14
3003 TA04b
16
18
78
ILED = 200mA
ILED = 100mA
NUMBER OF LEDS = 4
× 3 = 12
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com