Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3048 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3048
Description  Low Noise Bias Generator in 2mm 2mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3048 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3048 Datasheet HTML 8Page - Linear Technology LT3048 Datasheet HTML 9Page - Linear Technology LT3048 Datasheet HTML 10Page - Linear Technology LT3048 Datasheet HTML 11Page - Linear Technology LT3048 Datasheet HTML 12Page - Linear Technology LT3048 Datasheet HTML 13Page - Linear Technology LT3048 Datasheet HTML 14Page - Linear Technology LT3048 Datasheet HTML 15Page - Linear Technology LT3048 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LT3048 Series
13
3048fa
For more information www.linear.com/LT3048
LT3048
LT3048 Efficiency
LT3048-15
LT3048-15: Efficiency
BSTOUT
SW
LDOIN
LT3048-15
10µH
LPS3008-103MLB
LDOOUT
VIN
EN
1nF
1µF
1µF
3048 TA03a
4.7µF
IN
2.7V TO 4.8V
OUT
15V
BYP
OFF ON
GND
VIN (V)
2.7
3.3
3.6
IOUT (mA)
19
22
24
APPLICATIONS INFORMATION
BSTOUT
SW
LDOUT
LT3048
5.6µH
WE-LHMI4020
FB
VIN
EN
1nF
1µF
1µF
3048 TA2a
4.7µF
IN
2.7V TO 4.8V
OUT
5V
30mA
BYP
OFF ON
GND
301k
100k
LOAD CURRENT (mA)
0
30
40
50
15
30
25
3048 TA02b
20
10
0
5
10
20
60
70
VIN = 2.7V
VIN = 3.3V
VIN = 3.6V
VOUT = 5V
L = 5.6µH
DCR = 120m
LOAD CURRENT (mA)
0
30
40
50
15
25
3048 TA03b
20
10
0
5
10
20
60
70
80
VIN = 2.7V
VIN = 3.3V
VIN = 3.6V
LDOOUT = 15V
L = 10µH
DCR = 650m
LT3048-12
LT3048-12: Efficiency
BSTOUT
SW
LDOIN
LT3048-12
10µH
LPS3008-103MR
LDOOUT
VIN
EN
1nF
1µF
1µF
3048 TA04a
4.7µF
IN
2.7V TO 4.8V
OUT
12V
BYP
OFF ON
GND
VIN (V)
2.7
3.3
3.6
IOUT (mA)
25
29
30
LOAD CURRENT (mA)
0
30
40
50
15
30
25
3048 TA04b
20
10
0
5
10
20
60
70
80
VIN = 2.7V
VIN = 3.3V
VIN = 3.6V
VOUT = 12V
L = 10µH
DCR = 650m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com