Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR48UBDPWD Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SR48UBDPWD
Description  48U SmartRack Deep and Wide Rack Enclosure Cabinet with doors and side panels
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SR48UBDPWD Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SR48UBDPWD Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SR48UBDPWD Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SR48UBDPWD Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
48U SmartRack Deep and Wide Rack Enclosure
Cabinet with doors & side panels
MODEL NUMBER: SR48UBDPWD
Description
The SR48UBDPWD is a DEEP and WIDE version of our standard 45U SmartRack. This enclosure is 1200mm
deep (48") compared to the standard 1050mm deep (42"). This extra depth allows for high density equipment
installations. It allows extra space for moving the cable management back as well as providing space for
mounted equipment that has hot-swap, removable power supplies out the back of the enclosure. It is also
750mm wide (30") compared to the standard 600mm wide (24"). This extra width allows for high density
equipment installations. It allows cable management and PDU mounting off to the sides of the rack in order to
keep these items out of the airflow for proper cooling.
The SR48UBDPWD features a massive front-to rear-ventilation capacity that meets or exceeds server
manufacturer requirements. Its integrated baying tabs make it easy to combine multiple enclosures in rows for
data center applications. This enclosure is also compatible with hot-aisle/cold-aisle configurations.
With its locking, reversible, removable front and rear doors, and locking, removable side panels, the SR48UBDPWD provides ultimate equipment safety. The
side panels are half size for ease of removal and reinstallation. The split rear door design allows the enclosure to be placed closer to a wall. The
SR48UBDPWD meets all requirements toward PCI DSS compliance.
The top panel of the SR48UBDPWD is vented to help remove warm air from the enclosure and draw in cool air by convection. The top panel includes ports for
cable routing, and can be quickly removed without tools. To facilitate cable access, the SR48UBDPWD is open-bottom.
All components of the SR48UBDPWD are grounded to the enclosure frame. Front and rear threaded grounding points are provided for connection to the
facility earth ground. The removable front and rear doors feature quick-release ground wires.
It houses 3000 lb of standard 19-inch rack equipment in 48U. To simplify deployment, the SR48UBDPWD comes with preinstalled casters that enable it to be
easily maneuvered into the desired location, where it can be secured by adjusting the preinstalled levelers. Note: the casters are intended for minor position
adjustments and are not designed for moving the enclosure over long distances.
Highlights
48" (1200mm) depth for extra
space need for mounting deep
equipment
30" (750mm) width for optimizing
airflow through cabinet
Ships fully assembled
3000 lb stationary / 2250 lb rolling
load capacity
Locking, removable, reversible
front and rear doors; Locking,
removable side panels keyed
alike with doors
Pre-installed casters and leveling
feet
Meets all enclosure requirements
towards PCI DSS (Payment Card
Industry Data Security Standard)
Compliance
Package Includes
SR48UBDPWD Rack Enclosure
(4) Side panels
(4) Side panel locks
(2) Door & side panel keys
(50) M6 screws
(50) M6 cage nuts
(50) M6 washers
(1) Allen Wrench
Owner's Manual
1 / 3


Similar Part No. - SR48UBDPWD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR48UBDP TRIPPLITE-SR48UBDP Datasheet
520Kb / 3P
48U SmartRack DEEP Premium Enclosure includes doors and side panels
More results

Similar Description - SR48UBDPWD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR42UBDP TRIPPLITE-SR42UBDP Datasheet
518Kb / 3P
42U SmartRack Deep Rack Enclosure Cabinet with doors and side panels
SR42UBDPWD TRIPPLITE-SR42UBDPWD Datasheet
518Kb / 3P
42U SmartRack Deep and Wide Rack Enclosure Cabinet with doors and side panels
SR42UBSD TRIPPLITE-SR42UBSD Datasheet
515Kb / 4P
42U SmartRack Shallow-Depth Rack Enclosure Cabinet with doors and side panels
SR45UBDP TRIPPLITE-SR45UBDP Datasheet
519Kb / 3P
45U SmartRack Deep Rack Enclosure Cabinet with doors and side panels
SR45UBDPWD TRIPPLITE-SR45UBDPWD Datasheet
522Kb / 3P
45U SmartRack Deep and Wide Rack Enclosure Cabinet with doors and side panels
SR48UB TRIPPLITE-SR48UB Datasheet
482Kb / 3P
48U SmartRack Standard-Depth Rack Enclosure Cabinet with doors and side panels
SR48UBDP TRIPPLITE-SR48UBDP Datasheet
520Kb / 3P
48U SmartRack DEEP Premium Enclosure includes doors and side panels
SR48UBSP1 TRIPPLITE-SR48UBSP1 Datasheet
495Kb / 3P
48U SmartRack Standard-Depth Rack Enclosure Cabinet with doors, side panels and shock pallet packaging
SR48UBWD TRIPPLITE-SR48UBWD Datasheet
531Kb / 4P
48U SmartRack Wide Standard-Depth Rack Enclosure Cabinet with doors and side panels
SR48UBWDSP1 TRIPPLITE-SR48UBWDSP1 Datasheet
532Kb / 3P
48U SmartRack Wide Standard-Depth Rack Enclosure Cabinet with doors, side panels and shock pallet packaging
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com