Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1872 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1872
Description  Constant Frequency Current Mode Step-Up DC/DC Controller in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1872 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1872 Datasheet HTML 2Page - Linear Technology LTC1872 Datasheet HTML 3Page - Linear Technology LTC1872 Datasheet HTML 4Page - Linear Technology LTC1872 Datasheet HTML 5Page - Linear Technology LTC1872 Datasheet HTML 6Page - Linear Technology LTC1872 Datasheet HTML 7Page - Linear Technology LTC1872 Datasheet HTML 8Page - Linear Technology LTC1872 Datasheet HTML 9Page - Linear Technology LTC1872 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC1872
APPLICATIONS INFORMATION
The basic LTC1872 application circuit is shown in
Figure 1. External component selection is driven by the
load requirement and begins with the selection of L1 and
RSENSE (= R1). Next, the power MOSFET and the output
diode D1 is selected followed by CIN(= C1) and COUT(= C2).
RSENSE Selection for Output Current
RSENSE is chosen based on the required output current.
With the current comparator monitoring the voltage devel-
oped across RSENSE, the threshold of the comparator
determines the inductor’s peak current. The output cur-
rent the LTC1872 can provide is given by:
I
R
IV
VV
OUT
SENSE
RIPPLE
IN
OUT
D
=−


+
012
2
.
where IRIPPLE is the inductor peak-to-peak ripple current
(see Inductor Value Calculation section) and VD is the
forward drop of the output diode at the full rated output
current.
A reasonable starting point for setting ripple current is:
IO
I
VV
V
RIPPLE
OUT
OUT
D
IN
=
()( ) +
.4
Rearranging the above equation, it becomes:
R
I
VV
SENSE
OUT
OUT
D
= ()( )
+


1
10
V
for Duty Cycle < 40%
IN
However, for operation that is above 40% duty cycle, slope
compensation’s effect has to be taken into consideration
to select the appropriate value to provide the required
amount of current. Using the scaling factor (SF, in %) in
Figure 2, the value of RSENSE is:
R
SF
I
V
VV
SENSE
OUT
IN
OUT
D
= ()( )( )
+


10
100
Inductor Value Calculation
The operating frequency and inductor selection are inter-
related in that higher operating frequencies permit the use
of a smaller inductor for the same amount of inductor
ripple current. However, this is at the expense of efficiency
due to an increase in MOSFET gate charge losses.
The inductance value also has a direct effect on ripple
current. The ripple current, IRIPPLE, decreases with higher
inductance or frequency and increases with higher VOUT.
The inductor’s peak-to-peak ripple current is given by:
I
V
fL
VV
V
VV
RIPPLE
IN
OUT
D
IN
OUT
D
= ()
+−
+


where f is the operating frequency. Accepting larger values
of IRIPPLE allows the use of low inductances, but results in
higher output voltage ripple and greater core losses. A
reasonable starting point for setting ripple current is:
II
VV
V
RIPPLE
OUT MAX
OUT
D
IN
=
+


()
04
.
In Burst Mode operation, the ripple current is normally set
such that the inductor current is continuous during the
burst periods. Therefore, the peak-to-peak ripple current
must not exceed:
I
R
RIPPLE
SENSE
≤
003
.
This implies a minimum inductance of:
L
V
f
R
VV
V
VV
MIN
IN
SENSE
OUT
D
IN
OUT
D
=


+−
+


003
.
A smaller value than LMIN could be used in the circuit;
however, the inductor current will not be continuous
during burst periods.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com