Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2934 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2934
Description  Ultra-Low Power Adjustable Supervisor with Power-Fail Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2934 Datasheet(HTML) 2 Page - Linear Technology

  LTC2934 Datasheet HTML 1Page - Linear Technology LTC2934 Datasheet HTML 2Page - Linear Technology LTC2934 Datasheet HTML 3Page - Linear Technology LTC2934 Datasheet HTML 4Page - Linear Technology LTC2934 Datasheet HTML 5Page - Linear Technology LTC2934 Datasheet HTML 6Page - Linear Technology LTC2934 Datasheet HTML 7Page - Linear Technology LTC2934 Datasheet HTML 8Page - Linear Technology LTC2934 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC2934
2
2934f
ABSOLUTE MAXIMUM RATINGS
Input Voltages
VCC........................................................... –0.3V to 6V
ADJ, PFI................................................... –0.3V to 6V
RT, MR ...................................... –0.3V to (VCC + 0.3V)
Output Voltages
PFO, RST (LTC2934-1)............................. –0.3V to 6V
PFO, RST (LTC2934-2)..............–0.3V to (VCC + 0.3V)
(Note 1)
TOP VIEW
VCC
MR
RST
PFO
ADJ
PFI
RT
GND
DC PACKAGE
8-LEAD (2mm
× 2mm) PLASTIC DFN
9
4
1
2
3
6
5
7
8
TJMAX = 125°C, θJA = 102°C/W
EXPOSED PAD (PIN 9) PCB GND CONNECTION OPTIONAL
VCC
MR
RST
PFO
ADJ 1
PFI 2
RT 3
GND 4
8
7
6
5
TOP VIEW
TS8 PACKAGE
8-LEAD PLASTIC TSOT-23
TJMAX = 125°C, θJA = 195°C/W
PIN CONFIGURATION
ORDER INFORMATION
RMS Currents
PFO, RST ..........................................................±5mA
Operating Ambient Temperature Range
LTC2934C ................................................ 0°C to 70°C
LTC2934I.............................................. –40°C to 85°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
TSOT-23 Package.............................................. 300°C
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2934CTS8-1#TRMPBF
LTC2934CTS8-1#TRPBF
LTDKR
8-Lead Plastic TSOT-23
0°C to 70°C
LTC2934ITS8-1#TRMPBF
LTC2934ITS8-1#TRPBF
LTDKR
8-Lead Plastic TSOT-23
–40°C to 85°C
LTC2934CTS8-2#TRMPBF
LTC2934CTS8-2#TRPBF
LTDKS
8-Lead Plastic TSOT-23
0°C to 70°C
LTC2934ITS8-2#TRMPBF
LTC2934ITS8-2#TRPBF
LTDKS
8-Lead Plastic TSOT-23
–40°C to 85°C
LTC2934CDC-1#TRMPBF
LTC2934CDC-1#TRPBF
LDKT
8-Lead (2mm
× 2mm) Plastic DFN
0°C to 70°C
LTC2934IDC-1#TRMPBF
LTC2934IDC-1#TRPBF
LDKT
8-Lead (2mm
× 2mm) Plastic DFN
–40°C to 85°C
LTC2934CDC-2#TRMPBF
LTC2934CDC-2#TRPBF
LDKV
8-Lead (2mm
× 2mm) Plastic DFN
0°C to 70°C
LTC2934IDC-2#TRMPBF
LTC2934IDC-2#TRPBF
LDKV
8-Lead (2mm
× 2mm) Plastic DFN
–40°C to 85°C
TRM = 500 pieces. *Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com