Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2935 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2935
Description  Ultra-Low Power Supervisor with Power-Fail Output, Selectable Thresholds
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2935 Datasheet(HTML) 2 Page - Linear Technology

  LTC2935 Datasheet HTML 1Page - Linear Technology LTC2935 Datasheet HTML 2Page - Linear Technology LTC2935 Datasheet HTML 3Page - Linear Technology LTC2935 Datasheet HTML 4Page - Linear Technology LTC2935 Datasheet HTML 5Page - Linear Technology LTC2935 Datasheet HTML 6Page - Linear Technology LTC2935 Datasheet HTML 7Page - Linear Technology LTC2935 Datasheet HTML 8Page - Linear Technology LTC2935 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC2935
2
2935fa
ABSOLUTE MAXIMUM RATINGS
Input Voltages
VCC........................................................... –0.3V to 6V
S2, S1, S0, MR ......................... –0.3V to (VCC + 0.3V)
Output Voltages (PFO, RST)
LTC2935-1/LTC2935-3 ............................. –0.3V to 6V
LTC2935-2/LTC2935-4 .............. –0.3V to (VCC + 0.3V)
RMS Currents
PFO, RST ..........................................................±5mA
(Notes 1, 2)
TOP VIEW
VCC
MR
RST
PFO
S2
S1
S0
GND
DC PACKAGE
8-LEAD (2mm
2mm) PLASTIC DFN
9
4
1
2
3
6
5
7
8
TJMAX = 125°C, θJA = 102°C/W
EXPOSED PAD (PIN 9), PCB GND CONNECTION OPTIONAL
VCC
MR
RST
PFO
S2 1
S1 2
S0 3
GND 4
8
7
6
5
TOP VIEW
TS8 PACKAGE
8-LEAD PLASTIC TSOT-23
TJMAX = 125°C, θJA = 195°C/W
PIN CONFIGURATION
Operating Ambient Temperature Range
LTC2935C ................................................ 0°C to 70°C
LTC2935I.............................................. –40°C to 85°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
TSOT-23 Package.............................................. 300°C
ORDER INFORMATION
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2935CTS8-1#TRMPBF
LTC2935CTS8-1#TRPBF
LTDPW
8-Lead Plastic TSOT-23
0°C to 70°C
LTC2935ITS8-1#TRMPBF
LTC2935ITS8-1#TRPBF
LTDPW
8-Lead Plastic TSOT-23
–40°C to 85°C
LTC2935CTS8-2#TRMPBF
LTC2935CTS8-2#TRPBF
LTDQB
8-Lead Plastic TSOT-23
0°C to 70°C
LTC2935ITS8-2#TRMPBF
LTC2935ITS8-2#TRPBF
LTDQB
8-Lead Plastic TSOT-23
–40°C to 85°C
LTC2935CTS8-3#TRMPBF
LTC2935CTS8-3#TRPBF
LTFHV
8-Lead Plastic TSOT-23
0°C to 70°C
LTC2935ITS8-3#TRMPBF
LTC2935ITS8-3#TRPBF
LTFHV
8-Lead Plastic TSOT-23
–40°C to 85°C
LTC2935CTS8-4#TRMPBF
LTC2935CTS8-4#TRPBF
LTFHX
8-Lead Plastic TSOT-23
0°C to 70°C
LTC2935ITS8-4#TRMPBF
LTC2935ITS8-4#TRPBF
LTFHX
8-Lead Plastic TSOT-23
–40°C to 85°C
LTC2935CDC-1#TRMPBF
LTC2935CDC-1#TRPBF
LDPX
8-Lead (2mm
× 2mm) Plastic DFN
0°C to 70°C
LTC2935IDC-1#TRMPBF
LTC2935IDC-1#TRPBF
LDPX
8-Lead (2mm
× 2mm) Plastic DFN
–40°C to 85°C
LTC2935CDC-2#TRMPBF
LTC2935CDC-2#TRPBF
LDQC
8-Lead (2mm
× 2mm) Plastic DFN
0°C to 70°C
LTC2935IDC-2#TRMPBF
LTC2935IDC-2#TRPBF
LDQC
8-Lead (2mm
× 2mm) Plastic DFN
–40°C to 85°C
LTC2935CDC-3#TRMPBF
LTC2935CDC-3#TRPBF
LFHW
8-Lead (2mm
× 2mm) Plastic DFN
0°C to 70°C
LTC2935IDC-3#TRMPBF
LTC2935IDC-3#TRPBF
LFHW
8-Lead (2mm
× 2mm) Plastic DFN
–40°C to 85°C
LTC2935CDC-4#TRMPBF
LTC2935CDC-4#TRPBF
LFHY
8-Lead (2mm
× 2mm) Plastic DFN
0°C to 70°C
LTC2935IDC-4#TRMPBF
LTC2935IDC-4#TRPBF
LFHY
8-Lead (2mm
× 2mm) Plastic DFN
–40°C to 85°C
TRM = 500 pieces. *Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com