Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTA2012E Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTA2012E
Description  EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA2012E Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTA2012E Datasheet HTML 1Page - KEC(Korea Electronics) KTA2012E Datasheet HTML 2Page - KEC(Korea Electronics) KTA2012E Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2002. 2. 20
2/3
KTA2012E
Revision No : 1
BASE-EMITTER VOLTAGE V
(V)
BE
I
- V
C
BE
Ta=125
C
V
=-2V
I /I =20
CE
V
=-2V
CE
V
=-2V
CE
CB
I /I =20
CB
I /I =50
C B
I /I =20
CB
I /I =10
CB
Ta=25
C
Ta=-40
C
Ta=125 C
Ta=25 C
Ta=-40 C
Ta=25 C
Ta=125 C
Ta=25 C
Ta=-40 C
Ta=25 C
10
1K
30
50
100
300
500
V
- I
C
COLLECTOR CURRENT I
(mA)
CE(sat)
C
-1
-3
-1
-10
-30
-100
-300
-1K
-3
-5
-10
-30
-50
-100
-300
-500
-1K
V
- I
C
COLLECTOR CURRENT I
(mA)
CE(sat)
C
-1
-3
-1
-10
-30
-100
-300
-1K
-3
-5
-10
-30
-50
-100
-300
-500
-1K
0
-1
-0.5
-1.0
-1.5
-3
-5
-10
-30
-50
-100
-300
-500
-1K
f - I
C
COLLECTOR CURRENT I
(mA)
TC
-1
-3
-10
-30
-100
-300
-1K
-100
-10K
-300
-500
-1K
-3K
-5K
V
- I
C
COLLECTOR CURRENT I
(mA)
BE(sat)
C
-1
-3
-10
-30
-100
-300
-1K
10
1K
30
50
100
300
500
-1
-3
-10
-30
-100
-300
-1K
COLLECTOR CURRENT I
(mA)
C
h
- I
FE
C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com