Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3214 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3214
Description  500mA Camera LED Charge Pump
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3214 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3214 Datasheet HTML 2Page - Linear Technology LTC3214 Datasheet HTML 3Page - Linear Technology LTC3214 Datasheet HTML 4Page - Linear Technology LTC3214 Datasheet HTML 5Page - Linear Technology LTC3214 Datasheet HTML 6Page - Linear Technology LTC3214 Datasheet HTML 7Page - Linear Technology LTC3214 Datasheet HTML 8Page - Linear Technology LTC3214 Datasheet HTML 9Page - Linear Technology LTC3214 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LTC3214
6
3214fb
OPERATION
The LTC3214 uses a fractional switched capacitor charge
pump to power a high current LED with a programmed
regulated current. The part starts up into the 1x mode. In
this mode, VIN is directly connected to CPO. This mode
provides maximum efficiency and minimum noise. The
LTC3214 will remain in this mode until the forward volt-
age (VF) approaches the maximum CPO voltage possible
in this mode. When this dropout condition occurs, the
LTC3214 will switch to 1.5x mode after a soft-start period.
Any subsequent dropout detected will cause the part to
enter 2x mode.
A 2-phase nonoverlapping clock activates the charge pump
switches. In the 2x mode, the flying capacitors are charged
on alternate clock phases from VIN. While one capacitor
is being charged from VIN, the other is stacked on top of
VIN and connected to the output. Alternatively, in the 1.5x
mode the flying capacitors are charged in series during
the first clock phase, and stacked in parallel on top of VIN
on the second clock phase. This sequence of charging
and discharging the flying capacitors continues at a free
running frequency of 900kHz (typ).
The current delivered to the LED load is controlled by
the internal programmable current source. The current is
programmed by a resistor connected between the ISET pin
and GND. The resistor value needed to attain the desired
current level can be determined by Equation 1.
RSET = 3570/ILED
(1)
Overcurrent shutdown mode will prevent damage to the
part by shutting down the high power sections of the chip.
Choosing an RSET value of 5k or greater will ensure that
the part stays out of this mode.
Regulation is achieved by sensing the voltage at the ILED
pin and modulating the charge pump strength based on
the error signal.
In shutdown mode all circuitry is turned off and the LTC3214
draws a very low current from the VIN supply. The output is
disconnected from VIN and is pulled down by a resistance
of approximately 43kΩ. The LTC3214 enters shutdown
mode when the EN pin is brought low.
Thermal Protection
The LTC3214 has built-in overtemperature protection.
Thermal shutdown circuitry will shut down the part when
the junction temperature exceeds approximately 165°C. It
will re-enable the part once the junction temperature drops
back to approximately 150°C. The LTC3214 will cycle in
and out of thermal shutdown indefinitely without latchup
or damage until the heat source is removed.
Short-Circuit Protection
When EN is brought high, the part will connect VIN and
CPO through a weak pull-up. If the CPO capacitor fails to
charge up to over 1V (i.e., CPO is shorted), the chip will
not be enabled. Similarly, during operation if CPO is pulled
down below 1V, the part will be disabled.
Soft-Start
To prevent excessive inrush current during start-up and
mode switching, the LTC3214 employs built-in soft-start
circuitry. Soft-start is achieved by increasing the amount
of current available to the output charge storage capacitor
linearly over a period of approximately 150μs.
Charge Pump Strength
When the LTC3214 operates in either the 1.5x mode or 2x
mode, the charge pump can be modeled as a Thevenin
equivalent circuit to determine the amount of current
available from the effective input voltage and effective
open-loop output resistance, ROL(Figure 1).
–
+
+
–
CPO
3214 F01
ROL
1.5VIN
OR
2VIN
Figure 1. Charge Pump Open-Loop Thevenin-Equivalent Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com